Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2172 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2172
Description  ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2172 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2172 Datasheet HTML 2Page - RF Micro Devices RF2172 Datasheet HTML 3Page - RF Micro Devices RF2172 Datasheet HTML 4Page - RF Micro Devices RF2172 Datasheet HTML 5Page - RF Micro Devices RF2172 Datasheet HTML 6Page - RF Micro Devices RF2172 Datasheet HTML 7Page - RF Micro Devices RF2172 Datasheet HTML 8Page - RF Micro Devices RF2172 Datasheet HTML 9Page - RF Micro Devices RF2172 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2-218
RF2172
Rev A9 010823
2
Evaluation Board Schematic - 2.45GHz
12
11
10
2
4
3
13
14
15
16
1
9
8
7
6
5
R2
200
VAPC
C8
22 nF
C7
1.5 pF
L1
1.5 nH
Bias
C10
4pF
C9
22 nF
C5
22 nF
C4
22 nF
R3
10
C11
22 nF
C6
5pF
C3
5pF
R1
10
C1
0.5 pF
VCC2
VCC3
VCC1
C2
22 nF
J1
RF IN
50
Ωµstrip
J2
RF OUT
50
Ωµstrip
P1
1
2
3
CON3
P1-1
VCC2
GND
P1-3
VCC3
P2
1
2
3
CON3
P2-1
VAPC
GND
P2-3
VCC1
2172401-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com