Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41252 Datasheet(PDF) 2 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 2 Page - EPCOS

  B41252 Datasheet HTML 1Page - EPCOS B41252 Datasheet HTML 2Page - EPCOS B41252 Datasheet HTML 3Page - EPCOS B41252 Datasheet HTML 4Page - EPCOS B41252 Datasheet HTML 5Page - EPCOS B41252 Datasheet HTML 6Page - EPCOS B41252 Datasheet HTML 7Page - EPCOS B41252 Datasheet HTML 8Page - EPCOS B41252 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
General-purpose grade capacitors
Applications
Switch-mode power supplies in industrial and entertainment
electronics
Features
High ripple current capability
RoHS-compatible
Useful life of 2000 h at 105
°C
Construction
Aluminum case, fully insulated
Snap-in solder pins to hold component in place on PC-board
Minus pole marking on the insulating sleeve
Case with safety vent
Snap-in capacitors
B41252
Standard series
105
°C
Page 2 of 19
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com