Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9401 Datasheet(PDF) 2 Page - 3M Electronics

Part # 9401
Description  Sample Development Design Kits for High Speed Cabling and Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9401 Datasheet(HTML) 2 Page - 3M Electronics

  9401 Datasheet HTML 1Page - 3M Electronics 9401 Datasheet HTML 2Page - 3M Electronics 9401 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M and MetPak are trademarks of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Sample Development Design Kits for High Speed
Cabling and Connectors
94XX Series
TS-2298-B
Sheet 2 of 3
9401 Sample Development Kit for 2 mm SCI Surface Mount Header without PCB Test Board
Contents
Qty
Description
Part Number (ref)
Tech Sheet
1
2 x 25 Carrier
9350
TS-2105
1
2 x 25 L/E Header-SMT
155250-2400-RB
TS-2199
3
24 Inch Double-ended Twin-Ax Assy
98-3030-058-024.0-0
TS-2105
3
24 Inch Double-ended Coax Assy
98-2929-027-024.0-0
TS-2105
1
White Paper
78-9100-7515-5
N/A
1
Development Kit Instructions,
2 mm High Speed Cable Assembly
78-9100-7516-3
N/A
9402 Sample Development Kit for 2 mm SCI Surface Mount Header with PCB Test Board
Contents
Qty
Description
Part Number (ref)
Tech Sheet
1
2 x 25 Carrier
9350
TS-2105
1
PCB with SMT 2 x 25 Header2
78-9100-7555-1
TS-2199
3
24 Inch Double-Ended Twin-Ax Assy
98-3030-058-024.0-0
TS-2105
3
24 Inch Double-Ended Coax Assy
98-2929-027-024.0-0
TS-2105
1
White Paper
78-9100-7515-5
N/A
1
Development Kit Instructions,
2 mm High Speed Cable Assembly
78-9100-7516-3
N/A
9403 Sample Development Kit for 2 mm SCI Through-Hole Header without PCB Test Board
Contents
Qty
Description
Part Number (ref)
Tech Sheet
1
Part Number (ref)
9350
TS-2105
1
2 x 25 L/E Header-TH
155250-6402-RB
TS-2199
3
24 Inch Double-Ended Twin-Ax Assy
98-3030-058-024.0-0
TS-2105
3
24 Inch Double-Ended Coax Assy
98-2929-027-024.0-0
TS-2105
1
White Paper
78-9100-7515-5
N/A
1
Development Kit Instructions,
2 mm High Speed Cable Assembly
78-9100-7516-3
N/A
9404 Sample Development Kit for 2 mm SCI Through-Hole Header with PCB Test Board
Contents
Qty
Description
Part Number (ref)
Tech Sheet
1
Part Number (ref)
9350
TS-2105
1
PCB with TH 2 x 25 Header2
78-9100-7556-9
TS-2199
3
24 Inch Double-ended Twin-Ax Assy
98-3030-058-024.0-0
TS-2105
3
24 Inch Double-ended Coax Assy
98-2929-027-024.0-0
TS-2105
1
White Paper
78-9100-7515-5
N/A
1
Development Kit Instructions,
2 mm High Speed Cable Assembly
78-9100-7516-3
N/A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com