Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAS1153 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # DAS1153
Description  14-Bit & 15-Bit Sampling Analog To Digital Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

DAS1153 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  DAS1153 Datasheet HTML 1Page - Intronics Power, Inc. DAS1153 Datasheet HTML 2Page - Intronics Power, Inc. DAS1153 Datasheet HTML 3Page - Intronics Power, Inc. DAS1153 Datasheet HTML 4Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1400 PROVIDENCE HIGHWAY • BUILDING 2 NORWOOD, MASSACHUSETTS 02062-5015
PHONE: 781-551-5500 FAX: 781-551-5555
DAS1152/DAS1153


Similar Part No. - DAS1153

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAS1153 AD-DAS1153_15 Datasheet
1Mb / 4P
14-Bit &15-Bit Sampling Analog-to-DigitCaol nverters
REV. A
More results

Similar Description - DAS1153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5422 TI-ADS5422 Datasheet
396Kb / 19P
14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI-ADS8324 Datasheet
341Kb / 14P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS852 BURR-BROWN-ADS852 Datasheet
63Kb / 5P
14-Bit, 65MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Texas Instruments
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
DAS1153 AD-DAS1153_15 Datasheet
1Mb / 4P
14-Bit &15-Bit Sampling Analog-to-DigitCaol nverters
REV. A
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5422 TI1-ADS5422_14 Datasheet
999Kb / 25P
14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com