Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC283 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC283
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC283 Datasheet HTML 8Page - Semtech Corporation SC283 Datasheet HTML 9Page - Semtech Corporation SC283 Datasheet HTML 10Page - Semtech Corporation SC283 Datasheet HTML 11Page - Semtech Corporation SC283 Datasheet HTML 12Page - Semtech Corporation SC283 Datasheet HTML 13Page - Semtech Corporation SC283 Datasheet HTML 14Page - Semtech Corporation SC283 Datasheet HTML 15Page - Semtech Corporation SC283 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SC283
© 2010 Semtech Corp.
Applications Information
Detailed Description
The SC283 is a two channel synchronous step-down
converter. Both channels on this device are designed to
operate in fixed-frequency PWM mode at 2.5MHz and
provide the same current capacity of up to 1.8A. The
switching frequency is chosen to minimize the size of the
external inductor and capacitors while maintaining high
efficiency. Both channels of SC283 are independent.
Operation
During normal operation, the PMOS MOSFET is activated
on each rising edge of the internal oscillator. The voltage
feedback loop uses an internal feedback resistor divider.
The period is set by the internal oscillator. The device
has an internal synchronous NMOS rectifier and does
not require a Schottky diode on the LX pin. The device
operates as a buck converter in PWM mode with a fixed
frequency of 2.5MHz.
Programmable Output Voltage
Both channels on SC283 have fifteen pre-determined
output voltage values which can be individually selected
by programming the CTL input pins (seeTable 1 — Output
Voltage Settings). Each CTL pin has an active 1 MΩ
internal pulldown resistor. The 1MΩ resistor is switched in
circuit whenever the CTL input voltage is below the input
threshold, or when the part is in undervoltage lockout.
It is recommended to tie all high CTL pins together and
use an external pull-up resistor to VIN if there is no enable
signal, or if the enable input is an open drain/collector
signal. The CTL pins may be driven by a microprocessor to
allow dynamic voltage adjustment for systems that reduce
the supply voltage when entering sleep states. Avoid
all zeros being present on the CTL pins when changing
programmable output voltages as this would disable the
device.
SC283 is also capable of regulating a different (higher)
output voltage, which is not shown in the Table 1, via an
external resistor divider.There will be a typical 2µA current
flowing into theVOUT pin.The typical schematic for an ad-
justableoutputvoltageoptionfromthestandard1.0Vwith
CTLx=[0010], is shown in Figure 1. RFB1 and RFB2 are used
to adjust the desired output voltage. If the RFB2 current is
such that the 2µA VOUT pin current can be ignored, then
RFB1 can be found by Equation 1. RFB2 needs to be low
enough in value for the current through the resistor chain
to be at least 20µA in order to ignore theVOUT pin current.
2
1
FB
OSTD
OSTD
OUT
FB
R
V
V
V
R
⋅
−
=
(1)
where V
OSTD is the pre-determined output voltage via the
CTL pins.
C
FF is needed to maintain good transient response
performance. The correct value of C
FF can be found using
Equation 2.
(
)
(
)
)
5
.
0
(
]
[
5
.
0
5
.
2
]
[
1
2
−
×
−
⋅
Ω
−
×
=
OSTD
OSTD
OSTD
OUT
FB
OUT
FF
V
V
V
V
k
R
V
nF
C
(2)
To simplify the design, it is recommended to program the
desired output voltage from a standard 1.0V as shown in
Figure 1 with the correct C
FF calculated from Equation 2.
For programming the output voltage from other standard
voltages, R
FB1, RFB2 and CFF need to be adjusted to meet
Equations 1 and 2.
CTL0_
CTL1_
CIN_
10µF
VIN
LX_
VOUT_
Enable
SC283
(Channel A or B)
VIN
CTL2_
GND
CTL3_
VOUT_
COUT_
L_
RFB1 CFF
RFB2
2
1
)
1
(
FB
OUT
FB
R
V
R
×
−
=
for CTLx= 0010 (1.0V)
Figure 1 — Typical Schematic for Adjusting the
Output Voltage Up from an Output Voltage of 1.0V
(CTLx=[0010])
Maximum Power Dissipation
Each channel of SC283 has its own Θ
JA of 65°C/W when
only one channel is in operation. Since both channels are
withinsamepackage,thereisabout50%heatwhichwillbe
transferred to the adjacent channel. The equivalent total
thermal impedence will be higher when the neighboring
channel is also in operation. To guarantee an operating
junction temperature of less than 125°C, Figure 2 shows
the maximum allowable power loss of each channel. The
curve is based upon the junction temperature of either
channel reaching a maximum of 125°C. Each channel of
SC283 can support up to 1.8A load current. Figures 3a
www.semtech.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com