Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC403 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 1 Page - Semtech Corporation

  SC403 Datasheet HTML 1Page - Semtech Corporation SC403 Datasheet HTML 2Page - Semtech Corporation SC403 Datasheet HTML 3Page - Semtech Corporation SC403 Datasheet HTML 4Page - Semtech Corporation SC403 Datasheet HTML 5Page - Semtech Corporation SC403 Datasheet HTML 6Page - Semtech Corporation SC403 Datasheet HTML 7Page - Semtech Corporation SC403 Datasheet HTML 8Page - Semtech Corporation SC403 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2010 Semtech Corporation
1
SC403
6A EcoSpeedTM Integrated FET
Regulator with Programmable LDO
Features
Power System:
Input voltage — 3V to 28V
Internal or external bias voltage — 3V to 5V
Integrated bootstrap switch
Programmable LDO output — 200mA
1% reference tolerance -40 to +85 °C
EcoSpeedTM architecture with pseudo-fixed
frequency adaptive on-time control
Logic Input/Output Control:
Independent control EN for LDO and switcher
Programmable V
IN UVLO threshold
Power good output
Selectable ultrasonic power save mode
Programmable soft start time
Protections:
Over-voltage and under-voltage
TC compensated R
DS(ON) sensed current limit
Thermal shutdown
Any ESR — SP, POSCAP, OSCON, and ceramic capacitors
Package:
Lead-free package — 5x5mm, 32-pin MLPQ
Fully RoHS/WEEE compliant and halogen free
Applications
Office automation and computing
Networking and telecommunication equipment
Point of load power supplies and module replacement
Description
The SC403 is a stand-alone synchronous EcoSpeedTM buck
power supply which incorporates Semtech’s advanced
patent-pending adaptive on-time control architecture to
provide excellent light-load efficiency and fast transient
response. It features integrated power MOSFETs, a boot-
strap switch, and a programmable LDO in a 5x5mm
package. The device is highly efficient and uses minimal
PCB area.
The SC403 supports using standard capacitor types such
as electrolytic or special polymer, in addition to ceramic, at
switching frequencies up to 1MHz. The programmable
frequency, synchronous operation, and selectable power-
save provide high efficiency operation over a wide load
range.
Additional features include a programmable soft-start,
programmable cycle-by-cycle over-current limit protec-
tion, under and over-voltage protections, soft shutdown,
and selectable power-save. The device also provides sep-
arate enable inputs for the PWM controller and LDO as
well as a power good output for the PWM controller.
The wide input and bias voltage ranges, programmable
frequency, and programmable LDO make the device
extremely flexible and easy to use in a broad range of
applications. The SC402 can be used in server computers
and single cell or multi-cell battery systems in addition to
traditional DC power supply applications.
June 30, 2010
POWER MANAGEMENT
RTON
SC403
FB
VOUT
VDD
VIN
SS
BST
LX
PGOOD
LXS
ENL
RILIM
CBST
ENABLE/PSAVE
ENABLE LDO
VEXT/LDO
+
RFB1
RFB2
VOUT
COUT
L1
CIN
VIN
PGOOD
TON
1µF
CSOFT
10Ω
Typical Application Circuit


Similar Part No. - SC403

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC4032 FUMAN-SC4032 Datasheet
377Kb / 5P
Three-button multi-function pedometer (with high frequency and weight function)
logo
Semtech Corporation
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
More results

Similar Description - SC403

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
10A Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC418 SEMTECH-SC418 Datasheet
659Kb / 30P
EcoSpeedTM DC-DC Buck Controller with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
Vishay Siliconix
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com