Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC403MLTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC403MLTRT
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403MLTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SC403MLTRT Datasheet HTML 1Page - Semtech Corporation SC403MLTRT Datasheet HTML 2Page - Semtech Corporation SC403MLTRT Datasheet HTML 3Page - Semtech Corporation SC403MLTRT Datasheet HTML 4Page - Semtech Corporation SC403MLTRT Datasheet HTML 5Page - Semtech Corporation SC403MLTRT Datasheet HTML 6Page - Semtech Corporation SC403MLTRT Datasheet HTML 7Page - Semtech Corporation SC403MLTRT Datasheet HTML 8Page - Semtech Corporation SC403MLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
SC403
5
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Current Sense
Zero-Crossing Detector Threshold
LX - PGND
-3
0
+3
mV
Power Good
Power Good Threshold
Upper limit, V
FB > internal 750mV reference
+20
%
Lower limit, V
FB < internal 750mV reference
-10
%
Start-Up Delay Time (between PWM enable and
PGOOD going high)
V
DD = 3V, CSS = 10nF
7
ms
V
DD = 5V, CSS = 10nF
12
Soft Start Threshold
When PGOOD logic switches high
64
%
Fault (noise immunity) Delay Time
5
µs
Leakage
1
µA
Power Good On-Resistance
10
Ω
Fault Protection
Valley Current Limit
V
DD = 5V,RILIM = 6k Ω
5.1
A
V
DD = 3V,RILIM = 6k Ω
4.3
Output Under-Voltage Fault
V
FB with respect to internal 750mV reference,
8 consecutive clocks
-25
%
Smart Power-save Protection Threshold
V
FB with respect to internal 750mV reference
+10
%
Over-Voltage Protection Threshold
V
FB with respect to internal 750mV reference
+20
%
Over-Voltage Fault Delay
5
μs
Over-Temperature Shutdown
10°C hysteresis
155
°C
Logic Inputs/Outputs
Logic Input High Voltage
ENL, minimum level
1
V
Logic Input Low Voltage
ENL, maximum level
0.4
V
EN/PSV Input for PSAVE Operation
Maximum level expressed in % of V
DD
100
%
Minimum level expressed in % of V
DD
45
EN/PSV Input for Forced Continuous Operation
Maximum level expressed in % of V
DD
42
%
Minimum level
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com