Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC412A Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 5 Page - Semtech Corporation

  SC412A Datasheet HTML 1Page - Semtech Corporation SC412A Datasheet HTML 2Page - Semtech Corporation SC412A Datasheet HTML 3Page - Semtech Corporation SC412A Datasheet HTML 4Page - Semtech Corporation SC412A Datasheet HTML 5Page - Semtech Corporation SC412A Datasheet HTML 6Page - Semtech Corporation SC412A Datasheet HTML 7Page - Semtech Corporation SC412A Datasheet HTML 8Page - Semtech Corporation SC412A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Notes:
1) Available in tape and reel packaging only. A reel contains 3000
devices.
2) Available in lead-free packaging only. This product is fully WEEE,
RoHS and J-TD-020B compliant. This component and all homog-
enous sub-components are RoHS compliant.
Device
Package(2)
SC412AMLTRT(1)
MLPQ-16 3X3
SC412AEVB
Evaluation Board
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
5678
MLPQ16: 3X3 16 LEAD
T
EN
BST
LX
VCC
DL
VOUT
PGOOD
FB
Pin Configuration
Ordering Information
Marking Information
412A
yyww
xxxx
Marking for the 3 x 3mm MLPQ 16 Lead Package
nnnn = Part Number (example: 412A)
yyww = Date Code (example: 0652)
xxxx = Semtech Lot No. (example: E901)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com