Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC414 Datasheet(PDF) 26 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 21Page - Semtech Corporation SC414 Datasheet HTML 22Page - Semtech Corporation SC414 Datasheet HTML 23Page - Semtech Corporation SC414 Datasheet HTML 24Page - Semtech Corporation SC414 Datasheet HTML 25Page - Semtech Corporation SC414 Datasheet HTML 26Page - Semtech Corporation SC414 Datasheet HTML 27Page - Semtech Corporation SC414 Datasheet HTML 28Page - Semtech Corporation SC414 Datasheet HTML 29Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
SC414/SC424
26
Applications Information (continued)
VOUT Plane
on Top layer
L
CIN
CFF
RFB2
RFB1
RILIM
LX plane on inner
or bottom layer
All components
shown Top Side
AGND plane on
inner layer
VIN plane on inner
or bottom layer
RES_GND — AGND connects
to PGND close to SC414/SC424
Pin 1 marking
SC414/SC424 with
vias for LX, AGND,
VIN
PGND on inner
or bottom layer
PGND
COUT
Note: This figure is not
to scale
Figure 15 — PCB Layout
The switching frequency also varies with load current as a
result of the power losses in the MOSFETs and the induc-
tor. For a conventional PWM constant-frequency con-
verter, as load increases the duty cycle also increases
slightly to compensate for IR and switching losses in the
MOSFETs and inductor. A constant on-time converter
must also compensate for the same losses by increasing
the effective duty cycle (more time is spent drawing
energy from V
IN
as losses increase). The on-time is essen-
tially constant for a given V
OUT
and V
IN
combination, to
offset the losses the off-time will tend to reduce slightly as
load increases. The net effect is that switching frequency
increases slightly with increasing load.
PCB Layout Guidelines
The optimum layout for the SC414/SC424 is shown in
Figure 15. This layout shows an integrated FET buck regu-
lator with a maximum current of 6A. The total PCB area is
approximately 20 x 25 mm.
Critical Layout Guidelines
The following critical layout guidelines must be followed
to ensure proper performance of the device.
IC Decoupling capacitors
PGND plane
AGND island
FB, VOUT, and other analog control signals
BST, ILIM, and LX
Capacitors and Current Loops
IC Decoupling Capacitors
A 0.1 μF capacitor must be located as close as
possible to the IC and directly connected to pins
2 (V5V) and 3 (AGND).
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com