Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC412AEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC412AEVB
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412AEVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC412AEVB Datasheet HTML 2Page - Semtech Corporation SC412AEVB Datasheet HTML 3Page - Semtech Corporation SC412AEVB Datasheet HTML 4Page - Semtech Corporation SC412AEVB Datasheet HTML 5Page - Semtech Corporation SC412AEVB Datasheet HTML 6Page - Semtech Corporation SC412AEVB Datasheet HTML 7Page - Semtech Corporation SC412AEVB Datasheet HTML 8Page - Semtech Corporation SC412AEVB Datasheet HTML 9Page - Semtech Corporation SC412AEVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Pin #
Pin Name
Pin Function
1
LX
Switching (phase) node
2
BST
Boost capacitor connection for high-side gate drive
3
VCC
5V power input for internal analog circuits and gate drive outputs
4
DL
Gate drive output for the low-side external MOSFET
5
GND
Power ground — the return point for the DL driver output and the reference point
for the ILIM and Zero Cross circuits
6
RTN
Return or analog ground for VOUT sense — connect to GND at the chip
7
NC
Not connected internally — leave unconnected or connect to GND
8
NC
Not connected internally — leave unconnected or connect to GND
9FB
Feedback input — connect to an external resistor divider from
VOUT to program the output voltage
10
VOUT
Output voltage sense point for determining the on-time
11
PGOOD
Open-drain Power Good indicator — high impedance indicates power is good —
an external pull-up resistor is required.
12
EN
Enable input — connect EN to RTN to disable the SC412A
13
ILIM
Current limit sense point — to program the current limit connect a resistor from ILIM to
LX or to a current sense resistor
14
NC
Not connected internally — leave unconnected or connect to GND
15
NC
Not connected internally — leave unconnected or connect to GND
16
DH
Gate drive output for the high-side external FET
TPAD
Thermal pad for heatsinking purposes — not connected internally — connect to system
ground through preferably one large via or multiple smaller vias
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com