Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC162836ADGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC162836ADGG
Description  20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC162836ADGG Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC162836ADGG Datasheet HTML 1Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 2Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 3Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 4Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 5Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 6Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 7Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 8Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC162836A
20-bit registered driver with inverted register enable
and 30
Ω termination resistors (3-State)
2000 Jun 20
3
ORDERING INFORMATION
PACKAGES
TEMPERATURE
RANGE
ORDER CODE
DRAWING
NUMBER
56-Pin Plastic Thin Shrink Small Outline (TSSOP) Type II
–40
°C to +85°C
74ALVC162836A DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
28
NC
No connection
2, 3, 5, 6, 8, 9, 10, 12,
13, 14, 15, 16, 17, 19,
20, 21, 23, 24, 26, 27
Y1 to Y18
Data outputs
4, 11, 18, 25, 32, 39, 46,
53, 56
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
1
OE
Output enable input
(active LOW)
29
LE
Latch enable input
(active LOW)
56
CP
Clock input
55, 54, 52, 51, 49, 48,
47, 45, 44, 43, 42, 41,
40, 38, 37, 36, 34, 33,
31, 30
A1 to A18
Data inputs
LOGIC SYMBOL
SH00202
CP
LE
D
OE
LE
A1
Y1
TO THE 17 OTHER CHANNELS
CP
TYPICAL INPUT (DATA OR CONTROL)
SH00200
A1
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com