Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTL2000DGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2000DGG
Description  NXP bidirectional low-voltage translators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2000DGG Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2000DGG Datasheet HTML 1Page - NXP Semiconductors GTL2000DGG Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.nxp.com
© 2007 NXP N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and
may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof
does not convey nor imply any license under patent or other industrial or intellectual property rights.
Date of release: March 2007
Document order number: 9397 750 15911
Printed in the USA
applicationthatrequiresuni-or
bidirectionalvoltagetranslationfor
voltagelevelsbetween1and5V.
Theopen-drainconstruction,which
eliminatestheneedfordirectional
control,makesthetranslatorsidealfor
designsthatcombinelow-voltage(1.0to
1.8V)andlegacy(3.3and/or5.5V)I2C-
bussignals.Thetranslatorscanchange
I2C-bussignallevelsatspeedsupto3.4
MHz.
Thetranslatorscanalsobeusedin
designsthatcombineGTLandLVTTL/
TTLsignals,shiftingprocessorsideband
I/Osignalsbetweenvoltagelevels.
Bidirectional voltage translation
Toconfigurethetranslatorsfor
bidirectionalclamping,theG
REFinput
mustbeconnectedtoD
REFandboth
pinsmustbepulledtothehigh-side
V
CCthroughapull-upresistor(typically
200k
Ω).AfiltercapacitoronD
REFis
recommended.
TheCPUoutputcanbesetastotem
poleoropendrain(pull-upresistorsmay
berequired),ascanthechipsetoutput
(pull-upresistorsarerequiredtopull
theDnoutputstoV
CC).Nodirectional
controlisneededifbothoutputsareset
asopendrain.Ifeitheroutputissetto
totempole,however,theremaybehigh-
to-lowcontentionsineitherdirection.To
preventthis,setdataasunidirectional
oruse3-stateableoutputswitha
mechanismfordirectioncontrol.
TheoppositesideofS
REFisconnected
totheCPUpower-supplyvoltage.When
D
REFisconnectedthrougha200-kΩ
resistortoV
CCandSREFissetbetween1.0
andV
CCminus1.5V,theoutputofeach
Snhasamaximumoutputvoltageequal
Note: In Europe and Asia, for tube orders, add “, 112” (e.g. GTL2010PW, 112), and for tape and
reel orders, replace “-T” with “, 118” (e.g. GTL2010PW, 118).
toS
REFandtheoutputofeachDnhasa
maximumoutputvoltageequaltothe
voltageofthepull-upresistor(3.3and/or
5V).
Unidirectional voltage translation
Thesameconfigurationcanbeusedfor
one-wayvoltagetranslation,eitherup
ordown.Fordown-onlytranslation,if
thechipsetI/Oareopendrain,pull-up
resistorsarerequired.
Forup-onlytranslation,apull-upresistor
isrequiredonthehigh-sidevoltage(Dn).
Thisisbecausethetranslatorwillonly
passthereferencesourcevoltage(S
REF)
asahighwhendoingup-translation.The
driveronthelow-sidevoltageonlyneeds
apull-upresistorifitissetasopendrain.
Formoreinformationonusingthe
GTL20xxfamily,pleasereferto
ApplicationNoteAN10145atwww.nxp.
com/interface.
Package
Container
GTL2000
GTL2002
GTL2003
GTL2010
SO
Tube
--
GTL2002D
--
--
T&R
--
GTL2002D-T
--
--
SSOP
Tube
GTL2000DL
--
--
--
T&R
GTL2000DL-T
--
--
--
TSSOP
Tube
GTL2000DGG
--
GTL2003PW
GTL2010PW
T&R
GTL2000DGG-T
GTL2002DP-T
GTL2003PW-T
GTL2010PW-T
HVQFN
T&R
--
--
--
GTL2010BS-T
DHVQFN
T&R
--
--
GTL2003BQ-T
--
VSSOP
T&R
--
GTL2002DC-T
--
--
XQFN
T&R
--
GTL2002GM-T --
--
Ordering information
1
2
3
4
5
6
7
8
9
10
11
12
GND
SREF
48
47
46
45
44
43
42
41
GREF
D2
40
39
38
37
D9
S1
S3
S4
S10
S6
S7
S9
S2
S5
S8
D1
DREF
D4
D6
D7
D8
D10
D5
D3
13
S11
S12
36
35
34
33
32
31
30
29
D11
D14
28
27
26
25
D21
S13
S15
S16
S22
S18
S19
S21
S14
S17
S20
D13
D12
D16
D18
D19
D20
D22
D17
D15
14
15
16
17
18
19
20
21
22
23
24
GTL2002
GTL2003
GTL2010
GTL20xx pinout diagram
GND
SREF
S1
S2
GTL2002
GREF
DREF
D1
D2
S3
S4
S5
Sn
D3
D4
D5
Dn
CPU I/O
Chipset I/O
Chipset I/O
VCORE
VCC
VCC
3.3 V
5 V
1.8 V
1.5 V
1.2 V
1.0 V
200 K
Increase bit size by using
8-bit GTL2003 or 10-bit
GTL2010 or 22-bit GTL2000
Totem Pole or
Open Drain I/O
Typical configuration for bidirectional voltage translation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com