Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2314 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2314
Description  GENERAL PURPOSE LOW NOISE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2314 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2314 Datasheet HTML 1Page - RF Micro Devices RF2314 Datasheet HTML 2Page - RF Micro Devices RF2314 Datasheet HTML 3Page - RF Micro Devices RF2314 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

4-87
4
   
    
    

    
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
      
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
5
4
RF OUT
VCC
GND
GND
RF IN
RF2314
       
• Broadband Gain Blocks
• Final PA for Low-Power Applications
• IF or RF Buffer Amplifiers
• Driver Stage for Power Amplifiers
• Oscillator Loop Amplifiers
The RF2314 is a general purpose, low-cost, high perfor-
mance amplifier designed for operation from a 2.7 V to 6V
supply with low current consumption. The circuit configu-
ration with resistive feedback allows for broadband cas-
cadable
amplification.
Feedback
with
capacitive
compensation extends the bandwidth of the amplifier, and
is designed for optimized noise figure. The device is
unconditionally stable and internally matched to 50
Ω. No
external components are required. The RF2314 is avail-
able in a very small industry-standard SOT-23 5-lead sur-
face mount package, enabling compact designs which
conserve board space.
• 150MHz to 2500MHz Operation
• 2.7V to 6.0V Single Supply
• +18dBm Output IP3 at 5V
• 14dB Gain at 900MHz
• 8.6dB Gain at 1900MHz
• Low Current Consumption of 5mA at 3V
RF2314
General Purpose Low Noise Amplifier
RF2314 PCBA
Fully Assembled Evaluation Board

Rev A3 990216
.071
.059
.020
.014
.118
.102
.083
.067
.010
.004
.051
.039
.004
.000
.008 MIN
.122
.106
1
   !" #


Similar Part No. - RF2314

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2314 RFMD-RF2314 Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314 Datasheet
347Kb / 12P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314PCBA RFMD-RF2314PCBA Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314PCBA-41X RFMD-RF2314PCBA-41X Datasheet
347Kb / 12P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
More results

Similar Description - RF2314

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304_06 Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_1 Datasheet
347Kb / 12P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2304 RFMD-RF2304_1 Datasheet
327Kb / 8P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
General Purpose Low Noise Amplifier with Bypass Switch
logo
Infineon Technologies A...
BFR340F INFINEON-BFR340F_13 Datasheet
661Kb / 11P
General purpose Low Noise Amplifier
2013-11-06
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
RF Micro Devices
RF2314 RFMD-RF2314_15 Datasheet
1Mb / 12P
GENERAL PURPOSE LOW NOISE AMPLIFIER
logo
NXP Semiconductors
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com