Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE906 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 29Page - Texas Instruments CDCE906 Datasheet HTML 30Page - Texas Instruments CDCE906 Datasheet HTML 31Page - Texas Instruments CDCE906 Datasheet HTML 32Page - Texas Instruments CDCE906 Datasheet HTML 33Page - Texas Instruments CDCE906 Datasheet HTML 34Page - Texas Instruments CDCE906 Datasheet HTML 35Page - Texas Instruments CDCE906 Datasheet HTML 36Page - Texas Instruments CDCE906 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
www.ti.com
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
T =25 C,
V
=3.3V,
A
CC
o
Mdiv=4,
Ndiv=15,
P div=3
High-Speed Mode
>180MHz
f
FrequencyRange
VCO
forHigh-SpeedMode
f
forNormal-SpeedMode
VCO FrequencyRange
Normal-SpeedMode
<200MHz
fVCO − MHzSetPoint
Cross Coupling, Spur Suppression, and Noise Rejection
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
Figure 30. Period Jitter vs fVCO for Normal-Speed Mode and High-Speed Mode
The TI Pro Clock software automatically calculates the PLL parameter for jitter-optimized performance.
Cross-Coupling in ICs occurs through interactions between several parts of the chip such as between output
stages, metal lines, bond wires, substrate, etc. The coupling can be capacitive, inductive and resistive (ohmic)
induced by output switching, leakage current, ground bouncing, power supply transients, etc.
The CDCE906 is designed using the RFSiGe process technology. This process gives excellent performance in
linearity, low power consumption, best-in-class noise performance and good isolation characteristics between the
on-chip components.
The good isolation is a major benefit of the RFSiGe process because it minimizes the coupling effect. Even if all
three PLLs are active and all outputs are on, the noise suppression is well above 50 dB. Figure 31 and Figure 32
show an example of noise coupling, spur-suppression, and power supply noise rejection of CDCE906. Die
respective measurement conditions are shown in Figure 31 and Figure 32.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com