Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2318PCBA-L Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2318PCBA-L
Description  LINEAR BROADBAND AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2318PCBA-L Datasheet(HTML) 5 Page - RF Micro Devices

  RF2318PCBA-L Datasheet HTML 1Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 2Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 3Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 4Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 5Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary
3-25
RF2318
Rev A2 010228
3
Evaluation Board Schematic - DC to 3GHz
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Schematic - 3GHz to 6GHz
1
2
3
4
8
7
6
5
C1
1nF
50
Ωµstrip
J1
RF IN
C2
1nF
50
Ωµstrip
J2
RF OUT
L1
3.3 uH
R7
120
Ω
R8
120
Ω
R9
120
Ω
R10
120
Ω
C4
10 nF
C3
1uF
VCC
2318400-
P1-1
VCC
GND
GND
P1
1
2
3
CON3
1
2
3
4
8
7
6
5
C1
8pF
50
Ωµstrip
J1
RF IN
C2
8pF
50
Ωµstrip
J2
RF OUT
L1
22 nH
R7
120
Ω
R8
120
Ω
R9
120
Ω
R10
120
Ω
C4
10 nF
C3
1uF
VCC
2318401-
P1-1
VCC
GND
GND
P1
1
2
3
CON3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com