Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC453TSTRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 16Page - Semtech Corporation SC453TSTRT Datasheet HTML 17Page - Semtech Corporation SC453TSTRT Datasheet HTML 18Page - Semtech Corporation SC453TSTRT Datasheet HTML 19Page - Semtech Corporation SC453TSTRT Datasheet HTML 20Page - Semtech Corporation SC453TSTRT Datasheet HTML 21Page - Semtech Corporation SC453TSTRT Datasheet HTML 22Page - Semtech Corporation SC453TSTRT Datasheet HTML 23Page - Semtech Corporation SC453TSTRT Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Applications Information (Cont.)
To calculate the maximum DC value of current the maxi-
mum DC current must be added to the maximum ripple
value to obtain peak current:
It is recommended that the current limit be set at 120%
of the peak value to allow for inductor current overshoot
during load transients.
The Current Limit Comparator internal to the SC453 moni-
tors the output current and turns the high side switch off
when the current exceeds the upper current limit thresh-
old, I
CLMAX
and re-enables only if the load current drops be-
low the lower current limit threshold, I
CLMIN
. The current is
sensed by monitoring the voltage drop across the current
sense resistor R
CS
.
Current limiting will cycle from I
CLMAX
to I
CLMIN
for 32 switch-
ing cycles to allow for short term transients, then the con-
verter is latched off. I
CLMAX
and I
CLMIN
are set according to
the following equations.
The current limit is set at I
CLIM
= ICLMAX, and then solve
for R
CL
, which is R6 in the typical applications circuit. For
balance, R8, in series with the CLRF pin is kept the same
value as R6.
RCL
ICLIM RHYS
⋅
RCS
⋅
2.5 VREF
⋅
:=
RCL
673.59
Ω
=
R6
681
Ω
:=
R8
R6
:=
R8
681
Ω
=
Step 7 — Small Capacitors/Resistor Selection
Several small capacitors are required for signal filtering.
Refer to the Typical Application Circuit on page 2. Use
SMT ceramic capacitors with an X7R or better tempera-
ture coefficient. COG is preferred.
C11 and R7 are used to filter the hysteretic ripple signal.
The components are sized to provide filtering above the
5th harmonic of the fundamental.
C11
1
2
Π
⋅ R7
⋅
FS
⋅
5
⋅
:=
C11
9.095
10
11
−
×
F
=
In the evaluation board design a 100pF ceramic capacitor
is used for C11. The DAC output requires a 1nF capacitor
(C23) for high frequency noise filtering. The values for
C12 and C13 are calculated in a similar manner, though
they are returned to the CORE pin because that is the ref-
erence point for the current limit comparator.
C12
1
2
Π
⋅ R6
⋅
FS
⋅
5
⋅
:=
C13
C12
:=
C12
1.335
10
10
−
×
F
=
C13
1.335
10
10
−
×
F
=
IPEAK
23.389 A
=
IPEAK
IMAX_FL
IRIPPLE_MAX
2
+
:=
ICLIM
120 % IPEAK
⋅
:=
ICLIM
28.066 A
=
ICLMAX
3VREF
⋅
RCL
RHYS RCS
⋅
⋅
:=
ICLMIN
2VREF
⋅
RCL
RHYS RCS
⋅
⋅
:=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com