Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC493 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 3 Page - Semtech Corporation

  SC493 Datasheet HTML 1Page - Semtech Corporation SC493 Datasheet HTML 2Page - Semtech Corporation SC493 Datasheet HTML 3Page - Semtech Corporation SC493 Datasheet HTML 4Page - Semtech Corporation SC493 Datasheet HTML 5Page - Semtech Corporation SC493 Datasheet HTML 6Page - Semtech Corporation SC493 Datasheet HTML 7Page - Semtech Corporation SC493 Datasheet HTML 8Page - Semtech Corporation SC493 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
SC493
3
Absolute Maximum Ratings
BST to LX (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
BST to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +35
LX to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30
PVDD to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
VIN to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30
AVDD to AGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
AGND to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3
All other pins to AGND (V). . . . . . . . . . . . . -0.3 to AVDD +0.3
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature (°C). . . . . . . . . . . . . . . . . . . . -40 to +85
Input Voltage VIN (V). . . . . . . . . . . . . . . . . . . . . . . . . 3.0 to 28
Controller Supply Voltage AVDD, PVDD (V). . . . .3.0 to 5.5
Output Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.5 to 5.0
Thermal Information
Storage Temperature (°C). . . . . . . . . . . . . . . . . . . . -65 to +150
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . . . 150
Operating Junction Temperature (°C) . . . . . . . . -40 to +125
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 40
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . . .260
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114-B.
(2) Calculated from package in still air, mounted to 3 x 4.5(in.) 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
Test Condition (unless otherwise noted): V
VDD(1)=5V, VIN=5V, TJ(MAX) = 125°C. Typ. values at 25°C, Min. and Max. at -40°C < TA < 85°C, VFBadj = 0%.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply
VDD(1) Input Voltage
VDD
3.0
5.5
V
VDD(1) UVLO Threshold
VDD
UVLO
VDD rising
2.8
V
VDD(1) UVLO Hysteresis
VDD
UVLO_HYS
0.2
V
VDD(1) Supply Current
I
VDD
Shut down, EN pin = 0V
0.1
2
µA
I2C Standby, controller disabled
150
No switching, PSAVE, FB>0.5V
1000
f
sw = 25kHz, UPSAVE
2
mA
Operating f
sw= 250kHz, no load
10
Switch-mode Controller
FB On-Time Threshold
V
VFB_TON
Static VIN and Load, no offset via I2C
0.496
0.5
0.504
V
On-Time Accuracy
t
ON
Deviation from the ideal on-time to meet
the set switching frequency
-10
10
%
Minimum On Time
t
ON_MIN
100
ns
Minimum Off Time
t
OFF_MIN
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com