Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC620 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver,General Purpose Current Sink With Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 1 Page - Semtech Corporation

  SC620_09 Datasheet HTML 1Page - Semtech Corporation SC620_09 Datasheet HTML 2Page - Semtech Corporation SC620_09 Datasheet HTML 3Page - Semtech Corporation SC620_09 Datasheet HTML 4Page - Semtech Corporation SC620_09 Datasheet HTML 5Page - Semtech Corporation SC620_09 Datasheet HTML 6Page - Semtech Corporation SC620_09 Datasheet HTML 7Page - Semtech Corporation SC620_09 Datasheet HTML 8Page - Semtech Corporation SC620_09 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
POWER MANAGEMENT
1
SC620
Octal LED Driver, General Purpose
Current Sink with Serial Interface
© 2009 Semtech Corporation
Features
Wide current setting range — 31.25μA to 25mA
Eight identical current drivers with independent
control
5% current matching, 7% accuracy
I2C interface for microprocessor control
I2C slave address 1110 000x
Less than 1μA quiescent current in shutdown
Low dropout voltage — ≤ 150mV
Over-temperature protection
MLPQ-UT-16 package (3mm x 3mm)
Ultra-thin 0.6mm maximum package height
Fully WEEE and RoHS compliant
Applications
LCD backlighting LED driver
Multicolor and RGB LED driver
General purpose current sink array
General purpose digital output (open-drain) expander
Auto-focus voice-coil driver
Description
The SC620 is a multi-purpose LED driver with eight identi-
cal, independently controlled current sinks. Each current
sink can drive an LED by connecting the LED’s anode to
the system power supply and the cathode to the current
sink input pin. Any combination of outputs can be enabled
or disabled for optimal design flexibility.
The SC620 also employs an adjustable global current gain
setting register to allow the current setting step size to
vary from 31.25μA to 500μA. This provides a wide range of
options for LED variation and dimming functions. The
maximum output is also scaled by this step size, with a
maximum of 25mA at the highest step setting.
Multi-colored and white LEDs with different forward volt-
ages can be driven using the same SC620 due to its float-
ing cathode technology. This feature allows each output
pin to vary in voltage from 150mV to V
IN
- 1.5V.
All current control is programmed using an I2C interface
bus. Only a single input bypass capacitor is required — no
other external resistors or capacitors are needed. The 3mm
x 3mm MLPQ package and minimal support components
make the SC620 an ideal solution for low-cost, area-con-
scious backlighting designs.
Battery
SC620
IN
SCL
SDA
EN
GND
GND
GND
GND
ILED1
ILED2
ILED3
ILED4
ILED6
ILED7
ILED8
ILED5
Sub Panel
Color/R/G/B LEDs
1μF
SCL
SDA
EN
Main Panel
LED Backlighting
Typical Application Circuit
April 22, 2009


Similar Part No. - SC620_09

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC620 SEMTECH-SC620_07 Datasheet
247Kb / 18P
Octal LED Driver, General Purpose Current Sink with Serial Interface
More results

Similar Description - SC620_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161B TI-SN75161B Datasheet
227Kb / 14P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
logo
Semtech Corporation
SC620 SEMTECH-SC620 Datasheet
357Kb / 16P
Octal LED Driver, General Purpose Current Sink with Serial Interface
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
Octal General Purpose Interface Bus Transceivers
logo
Semtech Corporation
SC620 SEMTECH-SC620_07 Datasheet
247Kb / 18P
Octal LED Driver, General Purpose Current Sink with Serial Interface
logo
Eutech Microelectronics...
EUM6820 EUTECH-EUM6820 Datasheet
122Kb / 1P
100mA Current Sink VCM Driver with I2C Interface
logo
Texas Instruments
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com