Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2361PCBA-D Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2361PCBA-D
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2361PCBA-D Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2361PCBA-D Datasheet HTML 2Page - RF Micro Devices RF2361PCBA-D Datasheet HTML 3Page - RF Micro Devices RF2361PCBA-D Datasheet HTML 4Page - RF Micro Devices RF2361PCBA-D Datasheet HTML 5Page - RF Micro Devices RF2361PCBA-D Datasheet HTML 6Page - RF Micro Devices RF2361PCBA-D Datasheet HTML 7Page - RF Micro Devices RF2361PCBA-D Datasheet HTML 8Page - RF Micro Devices RF2361PCBA-D Datasheet HTML 9Page - RF Micro Devices RF2361PCBA-D Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-190
RF2361
Rev A7 001201
4
Evaluation Board Layout - 900MHz Driver
Board Size 0.948” x 1.063”
Board Thickness 0.031”; Board Material FR-4
Evaluation Board Layout - 900MHz LNA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com