Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2366 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2366
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2366 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2366 Datasheet HTML 2Page - RF Micro Devices RF2366 Datasheet HTML 3Page - RF Micro Devices RF2366 Datasheet HTML 4Page - RF Micro Devices RF2366 Datasheet HTML 5Page - RF Micro Devices RF2366 Datasheet HTML 6Page - RF Micro Devices RF2366 Datasheet HTML 7Page - RF Micro Devices RF2366 Datasheet HTML 8Page - RF Micro Devices RF2366 Datasheet HTML 9Page - RF Micro Devices RF2366 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-191
RF2366
Rev A6 010816
4
High Gain Mode Gain versus VCC,
PCS Driver
11.00
11.20
11.40
11.60
11.80
12.00
12.20
2.5
2.7
2.9
3.1
3.3
3.5
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
High Gain Mode NF versus VCC,
PCS Driver
0.0
0.5
1.0
1.5
2.0
2.5
2.52.7
2.93.1
3.33.5
VCC (V)
NF, -30º
NF, 25º
NF, 85º
BYP Mode Gain versus VCC,
PCS Driver
-3.3
-3.2
-3.1
-3.0
-2.9
-2.8
-2.7
-2.6
-2.5
2.5
2.7
2.9
3.1
3.3
3.5
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
BYP Mode IIP3versusVCC,
PCS Driver
10.0
12.0
14.0
16.0
18.0
20.0
22.0
2.52.7
2.93.1
3.33.5
VCC (V)
IIP3, -30º
IIP3, 25º
IIP3, 85º
High Gain Mode Gain versus VCC,
PCS Driver
11.00
11.20
11.40
11.60
11.80
12.00
12.20
2.5
2.7
2.9
3.1
3.3
3.5
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
High Gain Mode NF versus VCC,
PCS Driver
0.0
0.5
1.0
1.5
2.0
2.5
2.52.7
2.93.1
3.33.5
VCC (V)
NF, -30º
NF, 25º
NF, 85º



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com