Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2000-M10-256-1-R1910-HA Datasheet(PDF) 2 Page - GSI Group, Inc.

Part # M2000-M10-256-1-R1910-HA
Description  Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M2000-M10-256-1-R1910-HA Datasheet(HTML) 2 Page - GSI Group, Inc.

  M2000-M10-256-1-R1910-HA Datasheet HTML 1Page - GSI Group, Inc. M2000-M10-256-1-R1910-HA Datasheet HTML 2Page - GSI Group, Inc. M2000-M10-256-1-R1910-HA Datasheet HTML 3Page - GSI Group, Inc. M2000-M10-256-1-R1910-HA Datasheet HTML 4Page - GSI Group, Inc. M2000-M10-256-1-R1910-HA Datasheet HTML 5Page - GSI Group, Inc. M2000-M10-256-1-R1910-HA Datasheet HTML 6Page - GSI Group, Inc. M2000-M10-256-1-R1910-HA Datasheet HTML 7Page - GSI Group, Inc. M2000-M10-256-1-R1910-HA Datasheet HTML 8Page - GSI Group, Inc. M2000-M10-256-1-R1910-HA Datasheet HTML 9Page - GSI Group, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
System Configurations
Standard and Optional Equipment
M2000 Smart Encoder Systems
Standard Equipment
Page 2 of 10
M10
RS 232 Interface
Adapter
The adapter provides
connections to a PC,
the encoder system
and the controller.
SmartPrecision™ Software
The software module enables
all programmable and diagnostic
features plus displays encoder
output and signal strength.
See page 8 for details.
M2000
Optional Equipment
Encoder Sensor
Same for linear and
rotary scales.
SmartPrecision™ Electronics
Module
New Metal Enclosure Provides
Best-in-Class Noise Immunity
Sensor Cable
The standard cable is
double shielded and
available in lengths of
0.5m, 1m or 2m.
A 15 pin high density
D-sub connector mates
to the customer controller.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com