Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2444 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2444
Description  HIGH FREQUENCY LNA/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2444 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2444 Datasheet HTML 8Page - RF Micro Devices RF2444 Datasheet HTML 9Page - RF Micro Devices RF2444 Datasheet HTML 10Page - RF Micro Devices RF2444 Datasheet HTML 11Page - RF Micro Devices RF2444 Datasheet HTML 12Page - RF Micro Devices RF2444 Datasheet HTML 13Page - RF Micro Devices RF2444 Datasheet HTML 14Page - RF Micro Devices RF2444 Datasheet HTML 15Page - RF Micro Devices RF2444 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
8-64
RF2444
Rev A3 010717
8
LNA + Mixer Gain versus IF Frequency (3.3 V)
26.0
27.0
28.0
29.0
30.0
31.0
32.0
0.0
50.0
100.0
150.0 200.0
250.0
300.0
350.0
400.0
450.0
500.0
IF Frequency (MHz)
Gain
LNA + Mixer IIP3 versus IF Frequency (3.3 V)
-31.0
-30.0
-29.0
-28.0
-27.0
-26.0
-25.0
-24.0
-23.0
0.0
50.0
100.0 150.0
200.0
250.0
300.0 350.0 400.0
450.0 500.0
IF Frequency (MHz)
IIP3
LNA ICC versus VCC
(PD = 1, RX EN = 0)
10.9
11.1
11.3
11.5
11.7
11.9
12.1
12.3
12.5
12.7
2.73.0
3.33.6
VCC
25C LNA Icc
85C LNA Icc
-40C LNA Icc
Total ICC versus VCC
(PD = 1, RX EN = 1)
18.0
18.5
19.0
19.5
20.0
20.5
21.0
2.73.0
3.33.6
VCC
25C Total Icc
85C Total Icc
-40C Total Icc
Isolation
-48.00
-43.00
-38.00
-33.00
-28.00
-23.00
-18.00
-13.00
2.12
2.17
2.22
LO Frequency (GHz)
LO-mixin
LO-LNAin
LNAin-LNAout
LO-IFout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com