Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2492 Datasheet(PDF) 22 Page - RF Micro Devices

Part # RF2492
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2492 Datasheet(HTML) 22 Page - RF Micro Devices

Back Button RF2492 Datasheet HTML 14Page - RF Micro Devices RF2492 Datasheet HTML 15Page - RF Micro Devices RF2492 Datasheet HTML 16Page - RF Micro Devices RF2492 Datasheet HTML 17Page - RF Micro Devices RF2492 Datasheet HTML 18Page - RF Micro Devices RF2492 Datasheet HTML 19Page - RF Micro Devices RF2492 Datasheet HTML 20Page - RF Micro Devices RF2492 Datasheet HTML 21Page - RF Micro Devices RF2492 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Preliminary
8-54
RF2492
Rev A4 010828
8
PCS Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
56.94
56.96
56.98
57.00
57.02
57.04
57.06
57.08
57.10
57.12
57.14
57.16
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
Isolation, -30º
Isolation, 25º
Isolation, 85º
PCS Band, Mixer IF1, High Gain Mode,
VCC @2.75 V
12.0
12.5
13.0
13.5
14.0
14.5
15.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
LO (dBm)
Gain, -30º
Gain, 25º
Gain, 85º
PCS Band, Mixer IF1, High Gain Mode,
VCC =2.75 V
6.9
7.0
7.1
7.2
7.3
7.4
7.5
7.6
7.7
7.8
7.9
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
LO (dBm)
IIP3, -30º
IIP3, 25º
IIP3, 85º
PCS Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
32.5
33.0
33.5
34.0
34.5
35.0
35.5
36.0
36.5
37.0
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Icc, -30º
Icc, 25º
Icc, 85º
PCS LO Buffer Output, LOIN @-5 dBm
(T2 Insertion Loss Not Taken Into Consideration)
-14.00
-13.50
-13.00
-12.50
-12.00
-11.50
-11.00
-10.50
-10.00
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
Isolation, -30º
Isolation, 25º
Isolation, 85º
PCS Band, Mixer IF1, Low Gain Mode
LO @ -5 dBm
2.50
3.00
3.50
4.00
4.50
5.00
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
PCS Band, Mixer IF1, Low Gain Mode,
LO @ -5 dBm
17.00
18.00
19.00
20.00
21.00
22.00
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
IIP3, -30º
IIP3, 25º
IIP3, 85º
PCS Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
6.00
7.00
8.00
9.00
10.00
11.00
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
IIP3, -30º
IIP3, 25º
IIP3, 85º
PCS Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
7.00
8.00
9.00
10.00
2.75
2.80
2.85
2.90
2.95
3.00
VCC (V)
NF, -30º
NF, 25º
NF, 85º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com