Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2510 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2510
Description  VHF/UHF TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2510 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2510 Datasheet HTML 1Page - RF Micro Devices RF2510 Datasheet HTML 2Page - RF Micro Devices RF2510 Datasheet HTML 3Page - RF Micro Devices RF2510 Datasheet HTML 4Page - RF Micro Devices RF2510 Datasheet HTML 5Page - RF Micro Devices RF2510 Datasheet HTML 6Page - RF Micro Devices RF2510 Datasheet HTML 7Page - RF Micro Devices RF2510 Datasheet HTML 8Page - RF Micro Devices RF2510 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary
11-4
RF2510
Rev A6 010207
11
Pin
Function
Description
Interface Schematic
15
VREF P
Bias voltage reference pin for bypassing the prescaler and phase
detector. The bypass capacitor should be of appropriate size to provide
filtering of the reference crystal frequency and be connected directly to
this pin.
16
NC
Not internally connected.
ESD
This diode structure is used to provide electrostatic discharge protec-
tion to 3kV using the human body model. the following pins are pro-
tected:1,2, 3,5, 6,7,9,10, 14,and 15.
V
CC
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com