Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2513 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2513
Description  UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2513 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2513 Datasheet HTML 6Page - RF Micro Devices RF2513 Datasheet HTML 7Page - RF Micro Devices RF2513 Datasheet HTML 8Page - RF Micro Devices RF2513 Datasheet HTML 9Page - RF Micro Devices RF2513 Datasheet HTML 10Page - RF Micro Devices RF2513 Datasheet HTML 11Page - RF Micro Devices RF2513 Datasheet HTML 12Page - RF Micro Devices RF2513 Datasheet HTML 13Page - RF Micro Devices RF2513 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
11-32
RF2513
Rev B8 010509
11
Evaluation Board Schematic
H (915MHz) and M (868MHz) Boards
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Phase
Detector/
Charge Pump
Prescaler
Ref
Select
Gain
Control
PLL ON
C8
100 pF
C7
4pF
L1
8.2 nH
C6
4pF
C18
100 nF
50
Ω µstrip
J1
RF OUT
VCC
LVL ADJ
C4
10 nF
C5
22 pF
VCC
C9
10 nF
C10
22 pF
TX EN
R2*
PRESC OUT
L2
L3
6.8 nH
L4
56 nH
C12
10 nF
C13
22 pF
C14
4.7
µF
C16
C17
R1
OSC SEL
MOD CTL
DIV 64
50
Ωµstrip
J2
MOD IN
C11
0.1
µF
2513401A, 402A
M (868MHz)
H (915MHz)
Board
13.57734
7.15909
X1 (MHz)
13.41015
7.07549
X2 (MHz)
8.2
6.8
L2 (nH)
2.2
5.1
R1 (k
Ω)
47 nF
22 nF
C16 (nF)
4.7
2.2
C17 (nF)
C3
100 pF
C1
100 pF
C2*
100 pF
X1
X2*
R3*
0
R4*
0
C20
3-10 pF
D1*
D2*
R5*
0
AUDIO
P2-3
TX EN
GND
P2-1
PRESC OUT
P2
1
2
3
P1
1
2
3
P1-1
LVL ADJ
GND
P1-3
PLL ON
P3-5
VCC
GND
P3-3
OSCSLT
GND
P3-1
AUDIO
1
2
3
4
5
P3
P4
1
2
3
P4-3
MOD CTL
GND
P4-1
DIV 64
* Denotes optional. These parts are not normally populated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com