Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2617 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2617
Description  3V CDMA/FM RECEIVE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2617 Datasheet(HTML) 8 Page - RF Micro Devices

  RF2617 Datasheet HTML 1Page - RF Micro Devices RF2617 Datasheet HTML 2Page - RF Micro Devices RF2617 Datasheet HTML 3Page - RF Micro Devices RF2617 Datasheet HTML 4Page - RF Micro Devices RF2617 Datasheet HTML 5Page - RF Micro Devices RF2617 Datasheet HTML 6Page - RF Micro Devices RF2617 Datasheet HTML 7Page - RF Micro Devices RF2617 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
10-24
RF2617
Rev B4 010717
10
Output IP3 versus Gain
(VCC=2.7 V, 85 MHz)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
Gain (dBm)
-30 C
+25 C
+80 C
Output IP3 versus Gain
(VCC=3.0 V, 85 MHz)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
Gain (dBm)
-30 C
+25 C
+80 C
Output IP3 versus Gain
(VCC=3.3 V, 85 MHz)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
Gain (dBm)
-30 C
+25 C
+80 C
NoiseFigureversus Gain
(VCC=2.7 V, 85 MHz)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
Gain (dB)
-30 C
+25 C
+80 C
Noise Figure versus Gain
(VCC=3.0 V, 85 MHz)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
Gain (dB)
-30 C
+25 C
+80 C
NoiseFigureversus Gain
(VCC=3.3 V, 85 MHz)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
Gain (dB)
-30 C
+25 C
+80 C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com