Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2721 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2721
Description  QUADRATURE DEMODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2721 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2721 Datasheet HTML 1Page - RF Micro Devices RF2721 Datasheet HTML 2Page - RF Micro Devices RF2721 Datasheet HTML 3Page - RF Micro Devices RF2721 Datasheet HTML 4Page - RF Micro Devices RF2721 Datasheet HTML 5Page - RF Micro Devices RF2721 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
2-28
RF2721
Rev A2 010509
7
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +7.0
VDC
Power Down Voltage (VPD)
-0.5toVCC
VDC
IF Input Level
2.0
VPP
LO Input Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=5.0V
IF Frequency Range
0.1 to 500
MHz
Baseband Frequency Range
DC to >10
MHz
Load Impedance > 5k
Ω, C
SHUNT <1pF
DC to 1
MHz
Load Impedance > 5k
Ω, C
SHUNT <10pF
Input Impedance
3
k
At 70MHz, each input
Output Impedance
5000
Maximum Output
>1.25
VPP
With 250mV input
Gain
13
14
dB
Small-signal, 100mV input
I/Q Amplitude Balance
0.1
0.5
dB
I/Q Phase Accuracy
±1
±5
°
Reference Voltage
1.5 to 3.5
V
The reference voltage input should provide a
low impedance at the I/Q frequency. The
voltage sets the DC level seen on the I and
Q ports.
DC Offset
3
20
mV
I to Q
320
mV
I or Q to REF IN
LO
Oscillator
Use provided transistor or external LO.
Frequency
Twice (2x) the IF frequency.
Level
0.1-1
VPP
Input Impedance
400- j1200
At 140MHz
Power Down
Turn On/Off Time
<100
ns
Input Resistance
>50
k
VIH
2.5
VCC
V
Threshold voltage; Part is “ON”.
VIL
0
0.8
V
Threshold voltage; Part is “OFF”.
Power Supply
Voltage
5
V
Specifications
4.5 to 5.5
V
Operating limits
Current
4.5
7.2
mA
Operating
300
500
µA
Power Down
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com