Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2915 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2915
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2915 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2915 Datasheet HTML 10Page - RF Micro Devices RF2915 Datasheet HTML 11Page - RF Micro Devices RF2915 Datasheet HTML 12Page - RF Micro Devices RF2915 Datasheet HTML 13Page - RF Micro Devices RF2915 Datasheet HTML 14Page - RF Micro Devices RF2915 Datasheet HTML 15Page - RF Micro Devices RF2915 Datasheet HTML 16Page - RF Micro Devices RF2915 Datasheet HTML 17Page - RF Micro Devices RF2915 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
11-127
RF2915
Rev A7 001011
11
TX Power Output and ICC versus Level Adjust
at 433MHz, 3.6V VCC
-15.0
-10.0
-5.0
0.0
5.0
10.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
LVL ADJ (V)
5.0
10.0
15.0
20.0
25.0
30.0
Pout(433)
Icc(433)
TX Power Output and ICC versus Level Adjust
at 868MHz, 3.6V VCC
-20.0
-15.0
-10.0
-5.0
0.0
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
LVL ADJ (V)
5.0
10.0
15.0
20.0
25.0
30.0
Pout(868)
Icc(868)
TX Power Output and ICC versus Level Adjust
at 905MHz, 3.6V VCC
-20.0
-15.0
-10.0
-5.0
0.0
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
LVL ADJ (V)
5.0
10.0
15.0
20.0
25.0
30.0
Pout(905)
Icc(905)
Receive Current versus VCC
(including LMX2315 IC)
4.0
5.0
6.0
7.0
8.0
9.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
Icc (433)
Icc (868)
Icc (905)
RSSI versus RF Input
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
RF Input (dBm)
433 MHz
868,905 MHz
RSSI Output versus Temperature
VCC =2.4V
0.0
0.5
1.0
1.5
2.0
2.5
-130.0
-110.0
-90.0
-70.0
-50.0
-30.0
-10.0
10.0
Received Signal Strength (dBm)
-40°C
10°C
25°C
40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com