Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2968 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2968 Datasheet HTML 12Page - RF Micro Devices RF2968 Datasheet HTML 13Page - RF Micro Devices RF2968 Datasheet HTML 14Page - RF Micro Devices RF2968 Datasheet HTML 15Page - RF Micro Devices RF2968 Datasheet HTML 16Page - RF Micro Devices RF2968 Datasheet HTML 17Page - RF Micro Devices RF2968 Datasheet HTML 18Page - RF Micro Devices RF2968 Datasheet HTML 19Page - RF Micro Devices RF2968 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Preliminary
11-133
RF2968
Rev A13 010912
11
PLL[6:0]:
These bits determine the local oscillator (LO) frequency (i.e., the frequency at the doubler output) for both RX and TX
modes. The LO frequency is set 1MHz above the channel center frequency. The PLL [6:0] data bits represent the fre-
quency offset (FOFFSET) in MHz from a base frequency of 2400MHz. For the normal Bluetooth frequency range of
2402 MHz to 2480MHz, FOFFSET will range from 3 to 81; for the optional extended Bluetooth range (up to 2497MHz),
FOFFSET will range from 3 to 98 (high-side injection assumed in both cases).
Example:
Assume a channel frequency of 2448MHz.
The LO frequency is then: 2448+ 1=2449MHz,
and FOFFSET is: 2449-2400=49.
PLL [6:0] is then:0110001
Register 30 - Manufacturer’s ID Code LSB’s (Read-Only)
Register 31 - Manufacturer’s ID Code MSB’s (Read-Only)
Bidirectional Interface
Data Exchange and Timing
All bidirectional timing may be derived from BRCLK, which is generated by the RF2968. The RF2968 uses the falling
edges of BRCLK, and the baseband uses the rising edges. Figure 4 shows the general timing for the case of data being
transferred from the RF2968 to the baseband.
State Machine Control
The chip control circuitry of the RF2968 places the device into the required transmit, receive or power saving mode by
controlling the power down and reset states of all other circuits in the device. The chip control inputs come from the
baseband device (BnPWR, BXTLEN, BPKTCTL, BDATA1) via the bidirectional interface and from the registers at the
output of the DBus block (RXEN, TXEN). State machines in the baseband and the RF2968 maintain the state which con-
trols the direction of the bidirectional lines. The baseband controls the state machine in the RF2968 and ensures that
data contentions do not occur during reset and normal operation. The control of individual sections of the RF2968 in
each state is as follows.
Bit Number
Bit Name
Comments
0 - 15
ID_Code [15:0]
Lower 16 bits of manufacturer’s code. The fixed “1” LSB of the manufacturer
code is read at bit 0.
Bit Number
Bit Name
Comments
0 - 15
ID_Code [31:16]
Upper 16 bits of manufacturer’s code. The MSB of the version number is
read at bit 15. The RF2968 code is hex10B9825D.
BRCLK
BB Data
Sampling
Points
BDATA1
Figure 4. General Bidirectional Timing (RF2968 writing to baseband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com