Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3118PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3118PCBA
Description  3V 1900MHZ LINEAR AMPLIFIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3118PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF3118PCBA Datasheet HTML 1Page - RF Micro Devices RF3118PCBA Datasheet HTML 2Page - RF Micro Devices RF3118PCBA Datasheet HTML 3Page - RF Micro Devices RF3118PCBA Datasheet HTML 4Page - RF Micro Devices RF3118PCBA Datasheet HTML 5Page - RF Micro Devices RF3118PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
2-275
RF3118
Rev A0 011016
2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
DC Supply
TAMB=25
oC
Supply Voltage
3.2
3.7
4.2
V
Quiescent Current
160
200
mA
VMODE=Low VREG=3.0V, VCC=3.2V
50
60
mA
VMODE=High, VREG=3.0V, VCC=3.2V
VREG Current
8
mA
VMODE Current
1
mA
Turn On/Off Time (RF)
6
µs
Total Current (Power Down)
10
µAV
REG =Low, VMODE = Low
5
µA
VREG “Low” Voltage
0
0.5
V
VREG “High” Voltage
2.9
3.0
3.1
V
VMODE “Low” Voltage
0
0.5
V
VMODE “High” Voltage
2.0
3.0
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com