Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3430FS Datasheet(PDF) 7 Page - Rohm

Part # BA3430FS
Description  Stereo pre-amplifiers with mute detection circuits for car stereos
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3430FS Datasheet(HTML) 7 Page - Rohm

Back Button BA3430FS Datasheet HTML 3Page - Rohm BA3430FS Datasheet HTML 4Page - Rohm BA3430FS Datasheet HTML 5Page - Rohm BA3430FS Datasheet HTML 6Page - Rohm BA3430FS Datasheet HTML 7Page - Rohm BA3430FS Datasheet HTML 8Page - Rohm BA3430FS Datasheet HTML 9Page - Rohm BA3430FS Datasheet HTML 10Page - Rohm BA3430FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1
fH =
2
π
C
30k / / 30k
(Hz)
C = External capacitor connected to Pin 5
275
Audio ICs
BA3430S / BA3430F / BA3430FS
FMute detection circuit
(1) Mute detection based on noise and music signals
The signals of each block in the mute detection circuit are
shown in the diagram below.
(2)
Sensitivity switch amplifier circuit
The noise level and signal frequency of the tape differ
during playback and fast forward. Therefore, this signal
amplifier includes a circuit for switching the detection fre-
quency and gain for playback and fast forward.
(1) Sensitivity switch circuit
This circuit switches the detection frequency and gain for
playback and fast forward.
A 10k
Ω or less resistor must be connected to the input pin
to limit the input current. The electrolytic capacitor be-
tween the input pin and ground is for preventing incorrect
detection. Without this capacitor, sensitivity switch noise
may cause incorrect detection of songs.
Input switch truth table
2) Input low pass filter
High frequency noise increases during fast forward. This
filter reduces high frequency noise. It consists of an inter-
nal 30k
Ω resistor which combines the left and right equal-
izer output and an external capacitor connected to Pin 5.
The cutoff frequency of the low pass filter fH is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com