Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4560F Datasheet(PDF) 3 Page - Rohm

Part # BA4560F
Description  Dual high slew rate operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560F Datasheet(HTML) 3 Page - Rohm

  BA4560F Datasheet HTML 1Page - Rohm BA4560F Datasheet HTML 2Page - Rohm BA4560F Datasheet HTML 3Page - Rohm BA4560F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Standard ICs
BA4560 / BA4560F / BA4560N
•Electrical characteristic curves
Fig.1 Power dissipation vs.
ambient temperature
1200
1000
800
600
400
200
0
0
25
50
7585 100
125
150
AMBIENT TEMPERATURE: Ta (
°C)
BA4560F
BA4560
BA4560N
5
3
4
2
0
± 10
± 20
POWER SUPPLY VOLTAGE: VCC (V)
Fig.2 Quiescent current vs.
power supply voltage
140
20
40
60
80
100
120
0
110
100
1k
10k
100k
1M
10M
FREQUENCY: f (Hz)
Fig.3 Open loop voltage gain vs.
frequency
32
4
8
12
16
20
24
28
0
100
1k
10k
100k
1M
FREQUENCY: f (Hz)
Fig.4 Maximum output voltage vs.
frequency
20
40
60
80
– 20
0
20406080
AMBIENT TEMPERATURE: Ta (
°C)
Fig.5 Input bias current vs.
ambient temperature
25
50
75
10
20
30
40
POWER SUPPLY VOLTAGE: V
+ (V)
0
Fig.6 Input bias current vs. power
supply voltage
0
– 5
5
– 5
5
0
20
30
40
10
0
TIME (
µs)
Fig.7 Output response characteristics
– 20
– 10
0
10
20
0
± 10
± 20
POWER SUPPLY VOLTAGE: V
±
(V)
Fig.8 Common mode input voltage vs.
power supply voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com