Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6285FP Datasheet(PDF) 1 Page - Rohm

Part # BA6285FP
Description  Reversible motor driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FP Datasheet(HTML) 1 Page - Rohm

  BA6285FP Datasheet HTML 1Page - Rohm BA6285FP Datasheet HTML 2Page - Rohm BA6285FP Datasheet HTML 3Page - Rohm BA6285FP Datasheet HTML 4Page - Rohm BA6285FP Datasheet HTML 5Page - Rohm BA6285FP Datasheet HTML 6Page - Rohm BA6285FP Datasheet HTML 7Page - Rohm BA6285FP Datasheet HTML 8Page - Rohm BA6285FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
423
Motor driver ICs
Reversible motor driver
BA6285FS / BA6285FP
The BA6285FS and BA6285FP are reversible-motor drivers with a maximum output current of 1.0A. Two logic inputs
allow four output modes: forward, reverse, stop (idling), and brake. A built-in power saving circuit suppresses current
consumption when the motor is in stop mode.
FApplications
VCRs and audio equipment in general
FFeatures
1) Logic and power sections have separate ground
pins; this allows the IC to drive speed-variable, re-
versible motors by connecting an electronic governor
circuit.
2) Built-in power saving circuit suppresses the stop
mode current dissipation.
3) Output voltage can be set arbitrarily with the Vref pin.
4) Interfaces with TTL devices.
5) Built-in thermal shutdown circuit.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA6285FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
286Kb / 5P
Reversible Motor Driver
BA6285FS ROHM-BA6285FS Datasheet
377Kb / 16P
Reversible motor drivers (1A series)
BA6285FS ROHM-BA6285FS Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6285FS ROHM-BA6285FS Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
More results

Similar Description - BA6285FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
Reversible Motor Driver
BA6950FS ROHM-BA6950FS_1 Datasheet
308Kb / 5P
Reversible Motor Driver
logo
BCD Semiconductor Manuf...
AZ6208B BCDSEMI-AZ6208B Datasheet
193Kb / 10P
REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
Reversible Motor Driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
REVERSIBLE MOTOR DRIVER
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
Reversible motor driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com