Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6486FS Datasheet(PDF) 8 Page - Rohm

Part # BA6486FS
Description  FDD spindle motor driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6486FS Datasheet(HTML) 8 Page - Rohm

Back Button BA6486FS Datasheet HTML 3Page - Rohm BA6486FS Datasheet HTML 4Page - Rohm BA6486FS Datasheet HTML 5Page - Rohm BA6486FS Datasheet HTML 6Page - Rohm BA6486FS Datasheet HTML 7Page - Rohm BA6486FS Datasheet HTML 8Page - Rohm BA6486FS Datasheet HTML 9Page - Rohm BA6486FS Datasheet HTML 10Page - Rohm BA6486FS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
551
Motor driver ICs
BA6486FS
FOperation notes
(1)
Thermal shutdown circuit
This circuit shuts down all the IC currents when the chip
junction temperature is increased to about 175
_C (typi-
cal). The thermal shutdown circuit is deactivated when
the temperature drops to about 155
_C (typical).
(2)
Hall elements connection
Hall elements can be connected in either series or paral-
lel. When connecting in series, care must be taken not to
allow the Hall output to exceed the Hall common-mode
input range.
(3)
Hall input level
Switching noise may occur if the Hall input voltage (pins
17
X22) is too high. Differential inputs of about 100m Vp-p
are recommended.
(4)
Driver ground pin (14 pin)
Pin 14, which is the motor current ground pin, is not con-
nected to the signal ground pin (26 pin). Design a proper
conductor pattern in consideration of the motor current
that flows through pin 14.
(5)
External clock
Make sure that the pin 7 voltage is always less than VCC
and more than the ground voltage.
FInput/output circuits
(1) Index input (1, 2 pin)
(2) FG amplifier (3
X5 pin)
(3) Speed control (6 pin)
(4) External clock input (7 pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com