Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6492BFS Datasheet(PDF) 5 Page - Rohm

Part # BA6492BFS
Description  FDD spindle motor driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6492BFS Datasheet(HTML) 5 Page - Rohm

  BA6492BFS Datasheet HTML 1Page - Rohm BA6492BFS Datasheet HTML 2Page - Rohm BA6492BFS Datasheet HTML 3Page - Rohm BA6492BFS Datasheet HTML 4Page - Rohm BA6492BFS Datasheet HTML 5Page - Rohm BA6492BFS Datasheet HTML 6Page - Rohm BA6492BFS Datasheet HTML 7Page - Rohm BA6492BFS Datasheet HTML 8Page - Rohm BA6492BFS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
559
Motor driver ICs
BA6492BFS
(7)
Hall input (17
X22 pin)
(8)
Index input (23, 24 pin)
(9)
FG amplifier (25
X27 pin)
(10) Speed control (29 pin)
(11) External clock input (30 pin)
(12) Start / stop (31 pin)
(13) Timing output (32 pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com