Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6813 Datasheet(PDF) 1 Page - Rohm

Part # BA6813
Description  Fan motor driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6813 Datasheet(HTML) 1 Page - Rohm

  BA6813 Datasheet HTML 1Page - Rohm BA6813 Datasheet HTML 2Page - Rohm BA6813 Datasheet HTML 3Page - Rohm BA6813 Datasheet HTML 4Page - Rohm BA6813 Datasheet HTML 5Page - Rohm BA6813 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
712
Motor driver ICs
Fan motor driver IC
BA6811F / BA6813F
The BA6811F and BA6813F are 2-phase, half-wave motor drivers suited for 12V fan motors. Built-in lock detection and
automatic restart mechanisms protect motors. Compact SOP8 (BA6811F / BA6813F) packages reduce the number of
external components required.
FApplications
2-phase fan motors
FFeatures
1) Built-in power transistors.
2) Lock detection and automatic restart mechanisms.
3) Built-in thermal shutdown circuit.
4) Alarm output pin. (BA6811F)
5) Hall signal output pin. (BA6813F)
6) Built-in reverse current protection diode.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA6813

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
2-Phase Half-Wave Motor Driver for Fan Motor
More results

Similar Description - BA6813

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
FAN MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
FAN MOTOR DRIVER IC
TA8462F TOSHIBA-TA8462F_06 Datasheet
306Kb / 10P
FAN MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F_06 Datasheet
411Kb / 13P
FAN MOTOR DRIVER IC
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
Hall IC Fan Motor Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
24V Fan Motor Driver IC
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
Monolithic Digital IC Fan Motor Driver
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
Monolithic Digital IC Fan Motor Driver
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
24V Fan Motor Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com