Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6826FS Datasheet(PDF) 4 Page - Rohm

Part # BA6826FS
Description  2-phase motor driver for VCR cylinder motors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6826FS Datasheet(HTML) 4 Page - Rohm

  BA6826FS Datasheet HTML 1Page - Rohm BA6826FS Datasheet HTML 2Page - Rohm BA6826FS Datasheet HTML 3Page - Rohm BA6826FS Datasheet HTML 4Page - Rohm BA6826FS Datasheet HTML 5Page - Rohm BA6826FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
583
Motor driver ICs
BA6825FS / BA6826FS
(3)
Output waveforms are shown in Fig. 5. Because of
the amplifier offset, the output is left OPEN when the out-
put signal switches from positive to negative. The output
waveform is determined by the external circuit because
the IC impedance increases during this transition period.
Since inductive loads are usually provided, a capacitor
should be connected to suppress the backlash voltage.
FOperation notes
(1)
ECI input
The ECI input circuit has 2VF and a 500
Ω resistor con-
nected in series. Current is limited only by the 500
Ω re-
sistor.
(2)
Hall input
Signals of 50mV (peak to peak) or greater should be ap-
plied to the Hall device input. The DC input range is be-
tween 2V and (Vreg
*1.5V). There will be no problem if
the input is centered around Vreg / 2.
Because the Hall input impedance is 1M
Ω or grater, any
type of Hall device can be connected. No current flows
when the transistor is off because the Hall input pins (
)
and
*) are differential.
Because the ICs are linear drivers, any DC offset in the
Hall device will be amplified and appear in the output.
Use Hall devices having a minimum offset. Hall devices
can be connected in either series or parallel.
(3)
Thermal shutdown circuit
The circuit puts the driver outputs (9, 11, 12, and 14 pin)
to the open state at the temperature of 175
_C (typical).
There is a temperature difference of about 20
_C between
the temperatures at which the circuit is activated and
deactivated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com