Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6820 Datasheet(PDF) 7 Page - Rohm

Part # BA6820
Description  LED level meter driver, 12-point x 2 channel, VU scale, bar display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6820 Datasheet(HTML) 7 Page - Rohm

Back Button BA6820 Datasheet HTML 2Page - Rohm BA6820 Datasheet HTML 3Page - Rohm BA6820 Datasheet HTML 4Page - Rohm BA6820 Datasheet HTML 5Page - Rohm BA6820 Datasheet HTML 6Page - Rohm BA6820 Datasheet HTML 7Page - Rohm BA6820 Datasheet HTML 8Page - Rohm BA6820 Datasheet HTML 9Page - Rohm BA6820 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
668
Audio ICs
BA6820F / BA6822S / BA6822F
(3)
Peak hold
The peak hold circuit momentarily holds the maximum
signal level in AC input mode. The peak hold function ap-
plies to comparator levels 5 to 12 (8 points). When the os-
cillator frequency is 4kHz, the peak hold time is two se-
conds (Typ.), and can be changed by changing the
oscillator frequency. The peak hold function can be
turned off by setting pin 8 high.
The peak hold function does not operate in DC input
mode.
(4)
Output block
The two sets of 12 LEDs for the BA6820F and
BA6822S / F are divided into 4 groups of six. A dynamic-
drive technique is used to drive the LEDs in order, and
display the input level.
Group 1
Channel 1 LEDs 1, 3, 5, 7, 9 and 11
(odd-numbered LEDs)
Group 2
Channel 1 LEDs 2, 4, 6, 8, 10 and 12
(even-numbered LEDs)
Group 3
Channel 2 LEDs 1, 3, 5, 7, 9 and 11
(odd-numbered LEDs)
Group 4
Channel 2 LEDs 2, 4, 6, 8, 10 and 12
(even-numbered LEDs)
Therefore, six LED drive outputs, and four display switch
terminals are provided.
The output timing chart for when all LEDs are lit is shown
in Fig. 3.
In DC input mode, only channel 2 operates.
D1 to D4 in the timing chart operate in the same way as
for AC mode (i.e. D1 and D2 operate), but O1 to O6 are high
for the channel 1 period.
(1) Display switch outputs (pins 12 to 15)
To successively switch between the four LED groups,
these outputs are active low (see Fig. 4).
The outputs are pulled up by 36k
Ω resistors (between the
base and emitter of Q1 to Q4), so leak current bypass re-
sistors are not required.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com