Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6840BFS Datasheet(PDF) 5 Page - Rohm

Part # BA6840BFS
Description  3-phase motor driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6840BFS Datasheet(HTML) 5 Page - Rohm

  BA6840BFS Datasheet HTML 1Page - Rohm BA6840BFS Datasheet HTML 2Page - Rohm BA6840BFS Datasheet HTML 3Page - Rohm BA6840BFS Datasheet HTML 4Page - Rohm BA6840BFS Datasheet HTML 5Page - Rohm BA6840BFS Datasheet HTML 6Page - Rohm BA6840BFS Datasheet HTML 7Page - Rohm BA6840BFS Datasheet HTML 8Page - Rohm BA6840BFS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
527
Motor driver ICs
BA6840BFS / BA6840BFP-Y / BA6840BFP / BA6842BFS
FCircuit operation
(1)
Hall input
Xoutput
The 3-phase Hall signal is amplified in the hall amplifiers
and sent to the matrix section, where the signal is further
amplified and combined. After the signal is converted to
a current in the amplitude control circuit, the current is
supplied to the output driver, which then provides a motor
drive current. The phases of the Hall input signal, output
voltage, and output current are shown in Fig. 5.
(2)
Torque control pin
The RNF-pin current depends on the torque control input
voltage (EC) as shown in Fig. 6.
(3)
Start / stop pin
The motor is in the run mode when the pin input voltage
is 3.5V or more, and in the idle mode (all output transis-
tors are off) when the voltage is 1.5V or less.
(4)
Power ground pin (RNF pin)
The RNF pin is the output stage ground pin. Connect a re-
sistor (0.5
Ω recommended) between this pin and the
ground to monitor the output current.
(5)
Phase compensation pin (CNF pin)
Connect and adjust a capacitor between this pin and the
ground if the output tends to oscillate.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com