| Electronic Components Datasheet Search |
|
BA6845FS Datasheet(PDF) 5 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6845FS Datasheet(HTML) 5 Page - Rohm |
|
5 / 6 page ![]() 739 Motor driver ICs BA6845FS FApplication example FOperation notes (1) Control logic pins Do not apply voltage to control logic pins (pins 4, 5, 12, and 13) when the VCC voltage is not applied to the IC. The voltage of each pin should be less than VCC, if applied, and should be more than the ground voltage. (2) PCB arrangement When changing the rotational direction of a motor, a large current of up to a few hundred milliamperes can flow be- tween the motor power supply (pins 11 and 14) and MGND (pins 1 and 8). Depending on the application, this large output current may flow back to input pins, resulting in output oscillation or other malfunctions. Make sure that your design does not allow a common impedance be- tween the large current output lines and the input section. Suppress the power supply impedance to low levels, otherwise output oscillation may occur. (3) Package power dissipation The power dissipated by the IC varies widely with the supply voltage and the output current. Give full consider- ation to the package power dissipation rating when set- ting the supply voltage and the output current. (4) Ground pins Pins 1, 3, 6, and 8 should have the lowest potential (ground potential) in the IC. (5) Thermal shutdown circuit This circuit shuts down all the driver outputs when the chip junction temperature is increased to about 175 _C (typical). The thermal shutdown circuit is deactivated when the temperature drops to about 20 _C (typical). (6) Input pins (pins 4, 5, 12, and 13) These pins have characteristics negatively correlated to temperature. Give full consideration to the temperature effect when using the IC. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |