Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6849FS Datasheet(PDF) 7 Page - Rohm

Part # BA6849FS
Description  3-phase motor driver for CD-ROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6849FS Datasheet(HTML) 7 Page - Rohm

Back Button BA6849FS Datasheet HTML 3Page - Rohm BA6849FS Datasheet HTML 4Page - Rohm BA6849FS Datasheet HTML 5Page - Rohm BA6849FS Datasheet HTML 6Page - Rohm BA6849FS Datasheet HTML 7Page - Rohm BA6849FS Datasheet HTML 8Page - Rohm BA6849FS Datasheet HTML 9Page - Rohm BA6849FS Datasheet HTML 10Page - Rohm BA6849FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
869
Motor driver ICs
BA6849FP / BA6849FP-Y / BA6849FM / BA6849FS
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 5V, VM1 = 12V, VM2 = 12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com