Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6950FS Datasheet(PDF) 5 Page - Rohm

Part # BA6950FS
Description  Reversible motor driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6950FS Datasheet(HTML) 5 Page - Rohm

  BA6950FS Datasheet HTML 1Page - Rohm BA6950FS Datasheet HTML 2Page - Rohm BA6950FS Datasheet HTML 3Page - Rohm BA6950FS Datasheet HTML 4Page - Rohm BA6950FS Datasheet HTML 5Page - Rohm BA6950FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
488
Motor driver ICs
BA6950FS
FApplication example
FOperation notes
(1)
Thermal shutdown circuit
The thermal shutdown (TSD) circuit turns off all driver
outputs when the IC junction temperature rises above
175
_C (Typ.). The temperature difference between the
activation and deactivation settings is about 20
_C.
STemperature setting of TSD
(2)
Control logic and control signal input pins
Voltage should never be applied to the control logic input
pins (pins 5 and 10) or the control signal input pin (pin 2)
when the VCC voltage is not applied to the IC. Similarly,
the voltage on each input pin should not exceed any ap-
plied VCC voltage.
(3)
PCB arrangement
When changing the rotational direction of a motor, a large
current of up to a few hundred milliamperes can flow be-
tween the motor power supply (pin 6) and RNF (pin 8).
Depending on the application, this large output current
may flow back to input pins, resulting in output oscillation
or other malfunctions. Make sure that your design does
not allow a common impedance between the large cur-
rent output lines and the input section. Suppress the
power supply impedance to low levels, otherwise output
oscillation may occur.
(4)
Package power
The power dissipated by the IC varies widely with the
supply voltage and the output current. Give full consider-
ation to the package power dissipation rating when set-
ting the supply voltage and the output current.
(5)
The input pins (pins 5 and 10) have temperature-
dependent characteristics. Take the temperature effect
into consideration when using the IC.
(6)
To eliminate motor noise, connect a capacitor be-
tween M1 (pin 7) and GND and between M2 (pin 9) and
GND.
Fig.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com