Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7149F Datasheet(PDF) 6 Page - Rohm

Part # BA7149F
Description  Electronic viewfinder driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7149F Datasheet(HTML) 6 Page - Rohm

  BA7149F Datasheet HTML 1Page - Rohm BA7149F Datasheet HTML 2Page - Rohm BA7149F Datasheet HTML 3Page - Rohm BA7149F Datasheet HTML 4Page - Rohm BA7149F Datasheet HTML 5Page - Rohm BA7149F Datasheet HTML 6Page - Rohm BA7149F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Video ICs
BA7149F
•Application example
FBT
+
16
1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
H.OSC
PHASE
COMP
6dB
AMP
SYNC
SEPA
V.SEPA
V.OSC
V.DRIVE
V.BLK
H.BLK
+
100k
390k
VIDEO OUT
VIDEO IN
470
+
470
+
0.22
µ
10k
HD
VD
15k
VR1
100
+
3.9
15k
VCC
1
µ
1
µ
100
µ
0.1
µ
5mH + 36
Ω
0.022
µ
47
µ
510k
VCC
1500pF
VCC
∗1 The resistors connected to pins 6 and 15 should have a tolerance of ± 2%, and a temperature
coefficient of
± 100ppm or lower.
∗2 The capacitor connected to pin7 should have a tolerance of ± 5%, and a temperature coefficient of
± 250ppm or lower.
Fig.13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com