Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7182AS Datasheet(PDF) 1 Page - Rohm

Part # BA7182AS
Description  2-channel PRE / REC amplifier with auto-tracking interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7182AS Datasheet(HTML) 1 Page - Rohm

  BA7182AS Datasheet HTML 1Page - Rohm BA7182AS Datasheet HTML 2Page - Rohm BA7182AS Datasheet HTML 3Page - Rohm BA7182AS Datasheet HTML 4Page - Rohm BA7182AS Datasheet HTML 5Page - Rohm BA7182AS Datasheet HTML 6Page - Rohm BA7182AS Datasheet HTML 7Page - Rohm BA7182AS Datasheet HTML 8Page - Rohm BA7182AS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Video ICs
2-channel PRE / REC amplifier with
auto-tracking interface
BA7182AS
The BA7182AS is a PRE / REC amplifier developed for use in video cassette recorders. It has been designed for use
in two-head decks and features built-in FB damping, two preamplifiers, a chroma output amplifier, an FM output
amplifier (with AGC), an envelope detector, a constant-current BTL-drive REC amplifier (with AGC) and built-in chan-
nel and REC / PB switches on a single monolithic IC.
•Applications
VCRs
•Features
1) The playback amplifier has a total gain of 59dB
(Typ.), and has a low-noise preamplifier. Designed
for VHS-band operation with low external parts
count. The IC has 2 circuits for 2-head VCR applica-
tions.
2) Two playback output systems (throgh output and
AGC output). The AGC output level is 270mVP-P
(Typ.) ; suitable for FM brightness signal output.
3) Auto-tracking interface for automated tracking
adjustment. An integrate and hold detector is used
to reduce the load on the microcontroller.
4) The recording amplifier uses constant-current BLT
drive that handles load variations (i.e. headimped-
ance) well, and gives stable recording characteris-
tics. A single circuit is provided for 2-head VCR use.
5) Built-in recording level AGC means adjustment of
FM recording current is not necessary.
6) Head switches for 2-channel PRE / REC system
provided.
7) Operates off a single 5V power supply, with low
power dissipation.
•Absolute maximum ratings (Ta = 25°C)
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
7.0
V
mW
Topr
°C
Tstg
°C
VCC
1100∗
Pd
– 20 ~ + 75
– 55 ~ + 125
Applied voltage
Power dissipation
Operating temperature
Storage temperature
∗ Reduced by 11mW for each increase in Ta of 1°C over 25°C (free air).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
5.0
5.5
V
12pin
Playback / recording
Not designed for radiation resistance.


Similar Part No. - BA7182AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA718 ROHM-BA718 Datasheet
187Kb / 3P
Dual Operational Amplifiers
BA7180 ROHM-BA7180 Datasheet
148Kb / 12P
2-channel PRE / REC amplifier with auto-tracking interface
BA7180AFS ROHM-BA7180AFS Datasheet
148Kb / 12P
2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
2-channel PRE / REC amplifier with auto-tracking interface
BA7181 ROHM-BA7181 Datasheet
95Kb / 8P
2-channel PRE / REC amplifier with auto-tracking interface
More results

Similar Description - BA7182AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1249F TOSHIBA-TA1249F Datasheet
335Kb / 9P
2-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Rohm
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
2-channel PRE / REC amplifier with auto-tracking interface
BA7181FS ROHM-BA7181FS Datasheet
95Kb / 8P
2-channel PRE / REC amplifier with auto-tracking interface
BA7184S ROHM-BA7184S Datasheet
120Kb / 8P
4-channel PRE / REC amplifier with auto-tracking interface
BA7274S ROHM-BA7274S Datasheet
127Kb / 6P
4-channel video-signal PRE/REC amplifier
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
Two-channel VCR PRE / REC amplifier for Digital VCRs
logo
Sony Corporation
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
2-channel REC/PB Amplifier for 8mm VCR
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
PB/REC PRE AMP FOR 2 DECK
logo
Unisonic Technologies
TA7784P UTC-TA7784P Datasheet
206Kb / 4P
DUAL PRE-AMPLIFIER FOR AUTO-REVERSE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com