Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7652AF Datasheet(PDF) 1 Page - Rohm

Part # BA7652AF
Description  Video signal swither, 1 x 3-channel with clamped-input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7652AF Datasheet(HTML) 1 Page - Rohm

  BA7652AF Datasheet HTML 1Page - Rohm BA7652AF Datasheet HTML 2Page - Rohm BA7652AF Datasheet HTML 3Page - Rohm BA7652AF Datasheet HTML 4Page - Rohm BA7652AF Datasheet HTML 5Page - Rohm BA7652AF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Multimedia ICs
Video signal swither, 1
× 3-channel
with clamped-input
BA7652AF
The BA7652AF is a video-signal switching IC that contains a three-channel clamped-input multiplexer and a built-in
mute circuit. The inputs are sync-tip clamped (synchronous edge of the video input signals are aligned to the same
voltage), and as the input impedance is extremely large, it is possible to use a small value for the clamp capacitor.
[The recommended capacitor is 0.01
µF (FZ) ceramic].
•Applications
Video cassette recorders and camcorders
•Features
1) Small clamp capacitors can be used (ceramic,
3000pF (Min.), 0.01
µF (FZ) (recommended)).
2) Low supply voltage operation possible. Supply volt-
age range is 3.7V to 7.7V.
3) Superimposition used for fast switching speed with
low switching noise (70ns. Typ.).
4) Low power consumption
(when VCC = 5V, 25mW Typ.).
5) Wide dynamic range (3.1VP-P Typ. for VCC = 5V).
6) Mute function.
7) Excellent frequency characteristics
(10MHz, 0dB Typ.).
8) Low interchannel crosstalk ( – 70dB Typ.).
9) Voltage can be applied to the control pins even
when VCC is not applied.
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
9V
mW
°C
°C
500∗
Pd
Topr
Tstg
– 25 ~ + 75
– 55 ~ + 125
Applied voltage
Power dissipation
Operating temperature
Storage temperature
∗ When mounted on a 50mm × 50mm board, reduced by 5.0mW for each increase in Ta of 1°C over 25°C.
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
4.0 ~ 7.0
V
Recommended operating voltage


Similar Part No. - BA7652AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7652AF ROHM-BA7652AF Datasheet
153Kb / 5P
Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF Datasheet
491Kb / 10P
Single Circuit Video Signal Switcher
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
Single Circuit Video Signal Switchers
More results

Similar Description - BA7652AF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Rohm
BA7653AF ROHM-BA7653AF Datasheet
64Kb / 6P
Video signal switcher, 1 x 3-channel with clamped-input
BA7654F ROHM-BA7654F Datasheet
80Kb / 8P
2-input, 1-output video signal switcher
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1188 MITSUMI-MM1188 Datasheet
117Kb / 5P
3-Input 1-Output Video Switch (with Y-C mix)
logo
THine Electronics, Inc.
THC7984 THINE-THC7984 Datasheet
148Kb / 9P
10-bit 3-channel Video Signal Digitizer
logo
ON Semiconductor
LA73031V ONSEMI-LA73031V Datasheet
436Kb / 10P
Video Signal Input Switch
July, 2013
logo
3PEAK INC.
TPF1441C 3PEAK-TPF1441C Datasheet
1Mb / 13P
72M HD Composite Video Filter Driver with Clamped input Comparator
TPF1441NC 3PEAK-TPF1441NC Datasheet
988Kb / 10P
52M HD Composite Video Filter Driver with Clamped input Comparator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com