Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7660FS Datasheet(PDF) 6 Page - Rohm

Part # A7660FS
Description  3-channel 75??driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

A7660FS Datasheet(HTML) 6 Page - Rohm

  A7660FS Datasheet HTML 1Page - Rohm A7660FS Datasheet HTML 2Page - Rohm A7660FS Datasheet HTML 3Page - Rohm A7660FS Datasheet HTML 4Page - Rohm A7660FS Datasheet HTML 5Page - Rohm A7660FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Multimedia ICs
BA7660FS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
75
Ω
6dB
75
Ω
6dB
75
Ω
6dB
75
Ω
When the sag correction function is used.
6dB
Composite Video
D / A
D / A
D / A
Composite Y
N.C.
Chroma
MUTE
5V
N.C.
1000
µF
+
75
Ω
75
Ω
Vcc
0.1
µF47µF
+
1000
µF
+
75
Ω
75
Ω
75
Ω
1000
µF
+
75
Ω
75
Ω
75
Ω
100
µF
+
22
µF
+
•Application example
SSOP-A16
0.36
± 0.1
0.8
6.6
± 0.2
1
16
8
9
0.15
0.3Min.
•External dimensions (Units: mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com