Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7755AF Datasheet(PDF) 2 Page - Rohm

Part # BA7755AF
Description  High-voltage audio head selection switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7755AF Datasheet(HTML) 2 Page - Rohm

  BA7755AF Datasheet HTML 1Page - Rohm BA7755AF Datasheet HTML 2Page - Rohm BA7755AF Datasheet HTML 3Page - Rohm BA7755AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Video ICs
BA7755A / BA7755AF
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
15
V
Pd
400∗1
mW
Topr
– 10 ~ + 65
°C
Tstg
– 55 ~ + 125
°C
BVCC2
± 65
V
∗ Reduced by 4mW for each increase in Ta of 1°C over 25°C.
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
Breakdown voltage of switch (pin 2)
•Recommended operating conditions (Ta = 25°C)
Parameter
Unit
V
Max.
13
9
Typ.
Min.
4
Symbol
VCC
Operating voltage
•Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 9V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
ICC1
—
010
µA
Pin4 “L” or “OPEN”
Pin5 “OPEN”
ICC2
2.4
3.9
5.6
mA
Pin 4 “L” or “OPEN”
Pin 5 control current: 200
µA
RON
—
8.0
15.0
Ω
Pin 4 “L” or “OPEN”
Pin 5 control current: 200
µA
ILOFF
—
010
µA
Pin 4 “H”, or “OPEN”, or “L”
Pin 5 “OPEN”, pin 2 applied voltage
± 65V
BVAC
120
160
—
VP-P
f = 70kHz
VOS
—
4.3
15.0
mV
Pin 4 “L” or “OPEN”
Pin 5 control current: 200
µA
ICTRL1 (ON)
50
——
µA
—
ICTRL1 (OFF)
——
1
µA
—
VTH1
1.70
2.15
2.60
V
—
RCTRL2
21.0
31.0
42.0
k
Ω
—
Supply current
Supply current
Switch-on resistance
Switch leakage current
Switch AC breakdown voltage
Switch offset voltage
CTRL1 SW ON control current
CTRL1 SW OFF control current
CTRL2 threshold voltage
CTRL2 input resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com