Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA9756FS Datasheet(PDF) 1 Page - Rohm

Part # BA9756FS
Description  High-voltage control circuit for CRT displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9756FS Datasheet(HTML) 1 Page - Rohm

  BA9756FS Datasheet HTML 1Page - Rohm BA9756FS Datasheet HTML 2Page - Rohm BA9756FS Datasheet HTML 3Page - Rohm BA9756FS Datasheet HTML 4Page - Rohm BA9756FS Datasheet HTML 5Page - Rohm BA9756FS Datasheet HTML 6Page - Rohm BA9756FS Datasheet HTML 7Page - Rohm BA9756FS Datasheet HTML 8Page - Rohm BA9756FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BA9756FS
Multimedia ICs
High-voltage control circuit for CRT
displays
BA9756FS
The BA9756FS is LSIs that control CRT anode voltage in multi-scan monitors and similar devices, using
a chopper-type voltage control circuit. The internal sawtooth wave generator circuit uses automatic gain control
(AGC) to enable coverage of a wide range from 30kHz to over 150kHz. The BA9756FS is equipped with an internal
high-precision voltage source featuring an output voltage precision of ± 0.7%.
!Applications
CRT displays, HDTVs, others
!Features
1) Internal chopper-type voltage
control circuit.
2) Internal buffer circuit enables direct
drive of Power MOSFET for output
drive.
3) Internal high-precision voltage
source offers output voltage
precision of ± 0.7%.
!Block diagram
M / M
GND
9.0V
REF
VCC1VCC2
Buffer
+
+
–
SAW GEN.
20
1
19
2
18
3
17
4
16
5
15
6
14
7
13
8
12
9
11
10
!Absolute maximum ratings
(Ta=25°C)
Parameter
Symbol
Limits
Unit
VCC1
VCC2
Pd
Topr
Tstg
- 25~+80
Power supply voltage 1
Power supply voltage 2
Power dissipation
Operating temperature
Storage temperature
*1
*1 When mounted on a 70mm × 70mm × 1.6mm glass epoxy board.
Reduced by 7.5mW for each increase in Ta of 1˚C over 25˚C.
18
20
750
- 55~+125
V
V
˚C
˚C
mW
!Recommended operating conditions
(Ta=25°C)
Parameter
Symbol
Unit
Max.
Typ.
Min.
VCC1
VCC2
11
11
-
-
V
V
17
17
Power supply voltage 1
Power supply voltage 2


Similar Part No. - BA9756FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9755 ROHM-BA9755 Datasheet
135Kb / 10P
High voltage controller for CRT displays
BA9755S ROHM-BA9755S Datasheet
135Kb / 10P
High voltage controller for CRT displays
More results

Similar Description - BA9756FS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5791 PANASONIC-AN5791 Datasheet
70Kb / 3P
PHASE SHIFT CIRCUIT FOR CRT DISPLAYS
logo
Sony Corporation
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
Sync Discriminator for CRT Displays
logo
Rohm
BA9755S ROHM-BA9755S Datasheet
135Kb / 10P
High voltage controller for CRT displays
logo
Sanyo Semicon Device
STK190-010 SANYO-STK190-010 Datasheet
98Kb / 5P
Video Output Bias Circuit for CRT Displays
STK190-020 SANYO-STK190-020 Datasheet
99Kb / 5P
Video Output Bias Circuit for CRT Displays?
STK792-110 SANYO-STK792-110 Datasheet
85Kb / 5P
Vertical Deflection Output Circuit for CTV and CRT Displays
STK792-210 SANYO-STK792-210 Datasheet
75Kb / 4P
Vertical Deflection Output Circuit for CTV and CRT Displays?
logo
STMicroelectronics
HD1520FX STMICROELECTRONICS-HD1520FX Datasheet
260Kb / 8P
HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
27-May-2005
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com