Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH7634AS Datasheet(PDF) 4 Page - Rohm

Part # BH7634AS
Description  Audio / video switch for CANAL - Plus decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7634AS Datasheet(HTML) 4 Page - Rohm

  BH7634AS Datasheet HTML 1Page - Rohm BH7634AS Datasheet HTML 2Page - Rohm BH7634AS Datasheet HTML 3Page - Rohm BH7634AS Datasheet HTML 4Page - Rohm BH7634AS Datasheet HTML 5Page - Rohm BH7634AS Datasheet HTML 6Page - Rohm BH7634AS Datasheet HTML 7Page - Rohm BH7634AS Datasheet HTML 8Page - Rohm BH7634AS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Multimedia ICs
BH7634AS
Pin descriptions and input output equivalent circuits
50
µA
1k
50
µA
1k
50k
DRVGND
GND
DRVVCC
VCC
50k
6V
12V
FS control
Three voltages are output
via I2C BUS control: 11.8V,
5.9V, 0.2V.
8
FSCOUT
Pin No.
1
3
5
24
VDECIN
VTUNIN
VEXTIN
VVTRIN
2
6
DRVGND
GND
4
19
DRVVCC
VCC
7
9
11
18
ADECIN
AEXTIN
ATUNIN
AVTRIN
1.6V
——
0V
12V
5.3V
IN
OUT
Pin name
Typ.
voltage
I / O equivalent circuits
Pin description
Video signal input
For composite video signal
input (sink chip clamp input).
Ground
DRVGND is the driver
ground. GND is the ground
for the circuit itself. GND and
DRVGND are not connected
internally.
Power supply
DRVVCC is the driver
power supply. VCC is the
power supply for the circuit
itself. VCC and DRVVCC
are not connected internally.
Audio signal input
For audio signal input.
Input impedance is 50k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com