Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1920FS Datasheet(PDF) 5 Page - Rohm

Part # BU1920FS
Description  RDS / RBDS decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1920FS Datasheet(HTML) 5 Page - Rohm

  BU1920FS Datasheet HTML 1Page - Rohm BU1920FS Datasheet HTML 2Page - Rohm BU1920FS Datasheet HTML 3Page - Rohm BU1920FS Datasheet HTML 4Page - Rohm BU1920FS Datasheet HTML 5Page - Rohm BU1920FS Datasheet HTML 6Page - Rohm BU1920FS Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
174
Audio ICs
BU1920 / BU1920F / BU1920FS
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VDD = 5.0V and GND = 0.0V)
Filter block
Demodulator block



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com